| Electronic Components Datasheet Search |
|
LTC2000 Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2000 Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 54 page ![]() LTC2000 40 2000fb For more information www.linear.com/LTC2000 APPLICATIONS INFORMATION Synchronizing Multiple LTC2000s in Single-Port Mode Figure 15b shows sample waveforms for synchronizing two LTC2000s in single port mode. Synchronizing mul- tiple LTC2000s in single port mode is essentially the same procedure as when operating in dual port mode—DAC sample clocks must all be aligned to arrive at the CKP/N pins of all DACs simultaneously and timing mismatch between LVDS data clock signals at the DCKIP/N pins of all DACs must be less than 0.4 cycles of the DAC sam- ple clock, minus any timing mismatch between the DAC sample clocks. To determine whether any DACs are being updated one cycle late in single port mode, first use the phase com- parator outputs SYNC_PH and Table 13 to determine the delay from the DCKIP/N rising edge to the next CKP/N fall- ing edge (as opposed to rising edge in dual port mode) for each DAC. If the difference between the delays indicated by SYNC_PH is greater than 0.4 cycles, the DCKIP/N ris- ing edges are arriving in different sample clock cycles. For the example in Figure 15b, we might read 0x15 for SYNC_PH on DAC X and 0x20 on DAC Y. Table 13 shows that the DCKIP/N to CKP/N delay is greater than 0.8 cycles for DAC X and less than 0.1 cycles for DAC Y, and thus the difference between them is at least 0.7 cycles. This indicates that DAC X is being updated one cycle later than DAC Y. Consult Table 13 and use the same procedure described above in the dual-port mode case to correct the SYNC_PS settings for those DACs that are updating one cycle late. In this single port example, writing 0x06 to register 0x05 of DAC X would set SYNC_MSYN = 1 and SYNC_PS = 10, reducing the latency of DAC X by one cycle and aligning its output with DAC Y, as shown in Figure 15b. Note that variations in system temperature or supply volt- age may cause the phase of the data clock (DCKIP/N) and sample clock (CKP/N) to vary with time. When using the LTC2000 with SYNC_MSYN = 1, it is recommended that users monitor SYNC_PH and adjust SYNC_PS using Tables 12 or 13 as needed to maintain proper alignment. The synchronization procedures described above also work for systems with more than two DACs. Simply deter- mine the minimum DCKIP/N to CKP/N delay of all DACs by reading SYNC_PH, and then adjust the SYNC_PS settings to subtract one cycle of latency to those DACs whose DCKIP/N to CKP/N delays are at least 0.4 cycles more than the minimum. Sample verilog code implementing the synchronization of multiple LTC2000s using Tables 12 and 13 can be found at: http://www.linear.com/docs/44845 DBP/N[15:0] DAC X DCKIP/N DAC X IOUTP/N DAC X IOUTP/N (ADJUSTED) DAC Y IOUTP/N DAC Y DCKIP/N CKP/N N N+1 N+2 N+3 N+4 N+5 N+6 N+7 N+8 N+9 0.8 CYCLES 0.1 CYCLES 7.5 CYCLES N 2000 F15b N N+2 N+1 N N+2 N+1 N+1 6.5 CYCLES 7.5 CYCLES Figure 15b. Sample Waveforms — Synchronizing Multiple LTC2000s in Single Port Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |