Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9783-DPG2-EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9783-DPG2-EBZ
Description  LVDS Interface, 500 MSPS DACs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783-DPG2-EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9783-DPG2-EBZ Datasheet HTML 1Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 2Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 3Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 4Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 5Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 6Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 7Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 8Page - Analog Devices AD9783-DPG2-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9780/AD9781/AD9783
Data Sheet
Rev. C | Page 4 of 32
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA maximum sample rate, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKP, CLKN)
Differential Peak-to-Peak Voltage (CLKP − CLKN)
400
800
1600
mV
Common-Mode Voltage
300
400
500
mV
Maximum Clock Rate
500
MSPS
DAC CLOCK TO ANALOG OUTPUT DATA LATENCY
7
Cycles
SERIAL PERIPHERAL INTERFACE (CMOS INTERFACE)
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High
12.5
ns
Minimum Pulse Width Low
12.5
ns
Setup Time, SDI to SCLK (tDS)
2.0
ns
Hold Time , SDI to to SCLK (tDH)
0.2
ns
Data Valid ,SDO to SCLK, (tDV)
2.3
ns
Setup time, CSB to SCLK (tDCSB)
1.4
ns
SERIAL PERIPHERAL INTERFACE LOGIC LEVELS
Input Logic High
2.0
V
Input Logic Low
0.8
V
DIGITAL INPUT DATA (LVDS INTERFACE)
Input Voltage Range, VIA or VIB
800
1600
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Input Differential Input Impedance, RIN
80
120
Ω
Maximum LVDS Input Rate (per DAC)
500
MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com