Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS952801 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952801
Description  Programmable Timing Control HubTM for K8TM processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952801 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952801 Datasheet HTML 1Page - Integrated Circuit Systems ICS952801 Datasheet HTML 2Page - Integrated Circuit Systems ICS952801 Datasheet HTML 3Page - Integrated Circuit Systems ICS952801 Datasheet HTML 4Page - Integrated Circuit Systems ICS952801 Datasheet HTML 5Page - Integrated Circuit Systems ICS952801 Datasheet HTML 6Page - Integrated Circuit Systems ICS952801 Datasheet HTML 7Page - Integrated Circuit Systems ICS952801 Datasheet HTML 8Page - Integrated Circuit Systems ICS952801 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Integrated
Circuit
Systems, Inc.
ICS952801
Advance Information
0719—01/22/03
Pin Configuration
Recommended Application:
SiS755/760 style chipset for AMD K8 Processor
Output Features:
2 - Pairs of differential push-pull K8CPU outputs
8 - PCICLK @ 3.3V
2 - AGPCLK @ 3.3V
3 - REF @ 3.3V
2 - ZCLK @ 3.3V
1 - 24_48MHz @ 3.3V
1 - 48MHz @ 3.3V
Key Specifications:
CPU Output Jitter <250ps
AGP Output Jitter <250ps
ZCLK Output Jitter <250ps
PCI Output Jitter <500ps
Programmable Timing Control Hub™ for K8™ processor
Functionality
Features/Benefits:
QuadRomTM frequency selection.
Selectable synchronous/asynchronous AGP/PCI/ZCLK
frequency
Linear Programmable CPU output frequency.
Linear Programmable AGP/PCI output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system if system
malfunctions.
Programmable watch dog safe frequency.
Support I2C Index read/write and block read/write
operations.
Uses external 14.318MHz referience input.
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
VDDREF 1
48 CPU_STOP#*
**FS0/REF0 2
47 GNDCPU
**FS1/REF1 3
46 CPUCLK8T1
**FS2/REF2 4
45 CPUCLK8C1
GNDREF 5
44 VDDCPU
X1 6
43 VDDCPU
X2 7
42 CPUCLK8T0
GNDZ 8
41 CPUCLK8C0
ZCLK0 9
40 GNDCPU
ZCLK1 10
39 AGND
VDDZ 11
38 AVDD
*PCI_STOP# 12
37 PD#*
**FS3/PCICLK_F0 13
36 GNDAGP
**FS4/PCICLK_F1 14
35 AGPCLK0
VDDPCI 15
34 AGPCLK1
GNDPCI 16
33 VDDAGP
PCICLK0 17
32 SCLK
PCICLK1 18
31 AVDD48
PCICLK2 19
30 48MHz
PCICLK3 20
29 24_48MHz/SEL24_48MHz*
PCICLK4 21
28 GND48
PCICLK5 22
27 SDATA
GNDPCI 23
26 PCICLK7
VDDPCI 24
25 PCICLK6
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
ZCLK
AGP
PCI
FS4FS3
FS2FS1
FS0
MHz
MHz
MHz
MHz
0
0
0
0
0
200.00
66.67
66.67
33.33
0
0
0
0
1
200.00
100.00
66.67
33.33
0
0
0
1
0
200.00
133.33
66.67
33.33
0
0
0
1
1
200.00
166.67
66.67
33.33
0
0
1
0
0
233.33
66.67
66.67
33.33
0
0
1
0
1
233.33
93.33
66.67
33.33
0
0
1
1
0
233.33
133.33
66.67
33.33
0
0
1
1
1
233.33
175.00
70.00
35.00
0
1
0
0
0
266.67
66.67
66.67
33.33
0
1
0
0
1
266.67
106.67
66.67
33.33
0
1
0
1
0
266.67
133.33
66.67
33.33
0
1
0
1
1
266.67
160.00
66.67
33.33
0
1
1
0
0
293.34
73.34
73.33
36.66
0
1
1
0
1
293.34
117.34
73.33
36.66
0
1
1
1
0
293.34
146.66
73.33
36.66
0
1
1
1
1
293.34
176.00
73.33
36.66
10
000
133.33
66.67
66.67
33.33
10
001
133.33
100.00
66.67
33.33
10
010
133.33
133.33
66.67
33.33
10
011
133.33
166.67
66.67
33.33
1
0
1
0
0
166.67
66.67
66.67
33.33
1
0
1
0
1
166.67
100.00
66.67
33.33
1
0
1
1
0
166.67
133.33
66.67
33.33
1
0
1
1
1
166.67
166.67
66.67
33.33
1
1
0
0
0
202.00
67.34
67.33
33.66
1
1
0
0
1
202.00
101.00
67.33
33.66
1
1
0
1
0
202.00
134.66
67.33
33.66
1
1
0
1
1
202.00
168.34
67.33
33.66
1
1
1
0
0
220.00
73.34
73.33
36.66
1
1
1
0
1
220.00
110.00
73.33
36.66
1
1
1
1
0
220.00
146.66
73.33
36.66
11
111
220.00
183.34
73.33
36.66


Similar Part No. - ICS952801

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952802 ICST-ICS952802 Datasheet
184Kb / 19P
Programmable Timing Control Hu for P4 processor
More results

Similar Description - ICS952801

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
logo
Integrated Device Techn...
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
Programmable Timing Control HubTM for Intel Systems
2019
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com