Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1452974 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1452974
Description  Sensor/actuator box - SACB-8/16-SC SCO P
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1452974 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1452974 Datasheet HTML 1Page - PHOENIX CONTACT 1452974 Datasheet HTML 2Page - PHOENIX CONTACT 1452974 Datasheet HTML 3Page - PHOENIX CONTACT 1452974 Datasheet HTML 4Page - PHOENIX CONTACT 1452974 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1452974
11/22/2018   Page 3 / 5
Sensor/actuator box - SACB-8/16-SC SCO P - 1452974
Technical data
Pin assignment
2 / 2 (B) = RD/BU
3 / 4 (A) = YE
3 / 2 (B) = WH/GN
4 / 4 (A) = GY
4 / 2 (B) = BN/GN
5 / 4 (A) = PK
5 / 2 (B) = WH/YE
6 / 4 (A) = RD
6 / 2 (B) = YE/BN
7 / 4 (A) = BK
7 / 2 (B) = WH/GY
8 / 4 (A) = VT
8 / 2 (B) = GY/BN
1-8 / 1 (+ 120 V) = BN
1-8 / 3 (0 V) = BU
1-8 / 5 (PE) = GN/YE
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Connection in acc. with standard
CUL
Flammability rating according to UL 94
V0
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
3
4
2
1
5
M12 slot, socket, 5-pos.
Circuit diagram
5
2/4
3
4
2
1
3
4
2
1
5
5
3
4
2
1
5
3
4
2
1
5
3
4
2
1
2/2
1/4
1/2
0V
6/4
6/2
7/4
7/2
8/4
8/2
U
N
1
2
6
7
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com