Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM2000S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 2Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 3Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 4Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 5Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 6Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical & Envir onmental Specifications
Test Condition: V
DD = +5.0 ±10%,
T
OPR = 25 °C
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
.
n
i
M
l
a
c
i
p
y
T
s
t
i
n
U
t
W
R
h
t
d
i
w
e
s
l
u
p
T
E
S
E
R0
0
2S
n
t
S
e
m
it
p
u
t
e
s
K
L
C
S
,
L
E
S
M0
0
1S
n
t
W
S
h
t
d
i
w
e
s
l
u
p
K
L
C
S0
1S
n
t
R
W
h
t
d
i
w
e
s
l
u
p
R
W0
2S
n
t
H
W
R
W
r
e
t
f
a
e
m
it
d
l
o
h
a
t
a
D0
S
n
f
M
W
P
y
c
n
e
u
q
e
r
f
g
n
i
p
p
o
h
c
M
W
P0
2z
H
K
f
K
L
C
y
c
n
e
u
q
e
r
f
t
u
p
n
i
K
L
C
S0
1z
H
M
Table 2.1: DC Electrical Specifications
Table 2.2: AC Electrical Specifications
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
s
t
i
m
i
L
s
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
C
DV
D
D
V
S
S
0
.
7
+
o
t
3
.
0
-V
e
g
a
t
l
o
V
t
u
p
n
IV
N
I
V
S
S
V
o
t
3
.
0
-
D
D
3
.
0
+V
e
g
a
t
l
o
V
t
u
p
t
u
OV
T
U
O
V
S
S
V
o
t
3
.
0
-
D
D
3
.
0
+V
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
.
n
i
M
p
y
T
.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S
C
D
V
D
D
5
.
40
.
55
.
5
V
e
g
a
t
l
o
V
t
u
p
n
I
V
N
I
V
S
S
V
D
D
V
.
p
m
e
T
g
n
i
t
a
r
e
p
O
T
R
P
O
0
2
-5
8
C
°
Table 2.3: Absolute Maximum Ratings
Table 2.4: Recommended Operating Conditions
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
.
n
i
M
l
a
c
i
p
y
T
.
x
a
M
s
t
i
n
U
V
L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
w
o
L
8
.
0V
V
H
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
h
g
i
H0
.
2V
V
+
T
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
g
n
i
o
g
e
v
i
t
i
s
o
p
r
e
g
g
i
r
t
t
t
i
m
h
c
SV
D
D
0
.
5
=0
.
3V
V
-
T
e
g
a
t
l
o
v
d
l
o
h
s
e
r
h
t
g
n
i
o
g
e
v
i
t
a
g
e
n
r
e
g
g
i
r
t
t
t
i
m
h
c
SV
D
D
0
.
5
=6
.
0V
V
H
e
g
a
t
l
o
v
s
i
s
e
r
e
t
s
y
h
r
e
g
g
i
r
t
t
t
i
m
h
c
SV
D
D
0
.
5
=1
.
0V
I
L
I
t
n
e
r
r
u
c
t
u
p
n
i
l
e
v
e
l
w
o
LV
N
I
V
=
S
S
0
.
1A
m
I
H
I
t
n
e
r
r
u
c
t
u
p
n
i
l
e
v
e
l
h
g
i
HV
N
I
V
=
D
D
0
.
1A
m
V
L
O
e
g
a
t
l
o
v
t
u
p
t
u
o
l
e
v
e
l
w
o
L
V
S
S
4
.
0
+
=V
V
H
O
e
g
a
t
l
o
v
t
u
p
t
u
o
l
e
v
e
l
h
g
i
HV
D
D
4
.
0
-
=V
I
L
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
w
o
L
0
.
6
-A
m
I
H
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
h
g
i
H
0
.
3A
m
I
C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
0
2A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com