Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03821 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03821
Description  SAW Filter 307.20MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03821 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03821 Datasheet HTML 1Page - Golledge Electronics Ltd MP03821 Datasheet HTML 2Page - Golledge Electronics Ltd MP03821 Datasheet HTML 3Page - Golledge Electronics Ltd MP03821 Datasheet HTML 4Page - Golledge Electronics Ltd MP03821 Datasheet HTML 5Page - Golledge Electronics Ltd MP03821 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 307.20MHz
Model: TB1031A
Part No: MP03821
Rev NO: 1
TB1031A v1
1
A. MAXIMUM RATING:
1. Operating temperature range: -40°C to85°C
2. Storage temperature range: -40°C to 85°C
3. Input Power Level: 10dBm
4. Maximum DC Voltage: 10V
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
307.2
-
Insertion Loss IL
dB
-
10.5
13.0
1.2dB Band Width
MHz
41.0
46.3
-
3dB Band Width
MHz
43.0
48.7
-
Amplitude Ripple Fc ± 20.5MHz
dB
-
0.3
1.0
Group Delay Ripple Fc ± 20.5MHz
ns
-
20
100
Absolute Group Delay at Fc
us
-
0.38
1.00
Attenuation (Reference level from minimum Insertion loss)
100MHz ~ 210MHz
dB
40
58
-
210MHz ~ 274MHz
dB
38
46
-
340MHz ~ 400MHz
dB
38
46
-
400MHz ~ 600MHz
dB
40
50
-
600MHz ~ 1000MHz
dB
40
60
-
Temperature Coefficient
ppm/°C
-
-94
-
Source Impedance
-
50
-
Load Impedance
-
50
-


Similar Part No. - MP03821

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03834 GOLLEDGE-MP03834 Datasheet
79Kb / 6P
SAW Filter 1210.0MHz
MP03835 GOLLEDGE-MP03835 Datasheet
73Kb / 6P
SAW Filter 2040.0MHz
MP03853 GOLLEDGE-MP03853 Datasheet
79Kb / 7P
SAW Filter 307.20MHz
MP03867 GOLLEDGE-MP03867 Datasheet
248Kb / 6P
SAW Filter 480.0MHz
MP03869 GOLLEDGE-MP03869 Datasheet
90Kb / 7P
SAW Filter 1900.0MHz
More results

Similar Description - MP03821

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP03853 GOLLEDGE-MP03853 Datasheet
79Kb / 7P
SAW Filter 307.20MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com