Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFH80N08 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFH80N08
Description  N-Channel Enhancement Mode Avalanche Rated, High dv/dt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH80N08 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFH80N08 Datasheet HTML 1Page - IXYS Corporation IXFH80N08 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
98810A (5/01)
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C80
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
80
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C80
A
I
L(RMS)
Lead current limit
75
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
320
A
I
AR
T
C
= 25
°C80
A
E
AR
T
C
= 25
°C50
mJ
E
AS
2.5
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
300
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt
Preliminary data sheet
Features
l International standard packages
l Low R
DS (on)
l Rated for unclamped Inductive load
switching (UIS)
l Molding epoxies meet UL 94 V-0
flammability classification
Advantages
l Easy to mount
l Space savings
l High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
80
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2.0
4.0
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J
= 25
°C50
µA
V
GS
= 0 V
T
J
= 125
°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
9m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
TO-247 AD (IXFH)
G = Gate
D
= Drain
S = Source TAB = Drain
HiPerFETTM
Power MOSFETs
TO-268 ( IXFT) Case Style
(TAB)
G
S
V
DSS
=80
V
I
D25
=80
A
R
DS(on)
=
9 m
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 200 ns
IXFH 80N08
IXFT 80N08
(TAB)


Similar Part No. - IXFH80N08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH80N08 ISC-IXFH80N08 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFH80N085 IXYS-IXFH80N085 Datasheet
54Kb / 2P
HiPerFETTM Power MOSFETs
logo
Inchange Semiconductor ...
IXFH80N085 ISC-IXFH80N085 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH80N08

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ100S SIEMENS-BUZ100S Datasheet
126Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
logo
IXYS Corporation
IXFN100N25 IXYS-IXFN100N25 Datasheet
78Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P_09 Datasheet
843Kb / 10P
P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
logo
IXYS Corporation
IXTH28N50Q IXYS-IXTH28N50Q Datasheet
177Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXTQ24N55Q IXYS-IXTQ24N55Q Datasheet
517Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFH36N55Q IXYS-IXFH36N55Q Datasheet
171Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com