Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS001 Datasheet(PDF) 6 Page - Microchip Technology

Part # GS001
Description  Getting Started with BLDC Motors and dsPIC30F Devices
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GS001 Datasheet(HTML) 6 Page - Microchip Technology

  GS001 Datasheet HTML 1Page - Microchip Technology GS001 Datasheet HTML 2Page - Microchip Technology GS001 Datasheet HTML 3Page - Microchip Technology GS001 Datasheet HTML 4Page - Microchip Technology GS001 Datasheet HTML 5Page - Microchip Technology GS001 Datasheet HTML 6Page - Microchip Technology GS001 Datasheet HTML 7Page - Microchip Technology GS001 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GS153
DS93001A-page 6
© 2005 Microchip Technology Inc.
DIFFERENT dsPIC30F BASED
HARDWARE PLATFORMS FOR BLDC
MOTOR CONTROL
You can use the Selection Summary (Table 1) to select
different Microchip hardware platforms for specific
application needs. Note that although there are a
limited number of dsPIC DSC devices supported on a
given hardware platform, you can build a daughter
board based on the motor control dsPIC30F device
needed for your application and plug it into the avail-
able socket or header pins on the PICDEM MC LV or
MC1 development boards.
TABLE 1:
SELECTION SUMMARY
ORDERING INFORMATION AND NUMBERS
PICDEM™ MC LV Development Board: DM183021
Power Supply (optional): AC002013
Motor with cables: AC300020
“PICDEM™ MC LV Development Board User’s Guide” (DS51554)
dsPICDEM™ MC1 Motor Control Development Board: DM300020
“dsPICDEM™ MC1 Motor Control Development Board User’s Guide” (DS70098)
dsPICDEM™ MC1H 3-Phase High-Voltage Power Module: DM300021
“dsPICDEM™ MC1H 3-Phase High-Voltage Power Module User’s Guide” (DS70096)
dsPICDEM™ MC1L 3-Phase Low-Voltage Power Module: DM300022
“dsPICDEM™ MC1L 3-Phase Low-Voltage Power Module User’s Guide” (DS70097)
BLDC
Motor Type
Operating
Voltage
Range (VDC)
Power
Range
(Watts)
Application
Note
Hardware Platform
Recommendations
Supported
dsPIC30F
Devices
Sensored
10 to 40
50 to 200
AN957
PICDEM™ MC LV
dsPIC30F2010
dsPIC30F3010
dsPIC30F4012
Sensored
40 to 400
Up to 800
AN957
MC1 and High-Voltage Power module
dsPIC30F6010
Sensored
10 to 48
Up to 600
AN957
MC1 and Low-Voltage Power module
dsPIC30F6010
Sensorless
10 to 40
AN992
PICDEM MC LV
dsPIC30F2010
dsPIC30F3010
dsPIC30F4012
Sensorless
40 to 400
Up to 800
AN901
MC1 and High-Voltage Power module
dsPIC30F6010
Sensorless
10 to 48
Up to 600
AN901
MC1 with Low-Voltage Power module
dsPIC30F6010
Sensorless
40 to 400
As per user’s
design
AN992
PICDEM MC LV (user modified for
high voltage)
dsPIC30F2010
dsPIC30F3010
dsPIC30F4012



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com