Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH30N50L Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH30N50L
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH30N50L Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH30N50L Datasheet HTML 1Page - IXYS Corporation IXTH30N50L Datasheet HTML 2Page - IXYS Corporation IXTH30N50L Datasheet HTML 3Page - IXYS Corporation IXTH30N50L Datasheet HTML 4Page - IXYS Corporation IXTH30N50L Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH30N50L IXTQ30N50L
IXTT30N50L
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS
= 10V, I
D = 0.5 • ID25, Note 1
9
12
15
S
C
iss
10.2
nF
C
oss
V
GS
= 0V, V
DS = 25V, f = 1MHz
540
pF
C
rss
127
pF
R
Gi
Integrated gate input resistor
3.5
Ω
t
d(on)
35
ns
t
r
117
ns
t
d(off)
94
ns
t
f
40
ns
Q
g(on)
240
nC
Q
gs
V
GS
= 10V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
58
nC
Q
gd
135
nC
R
thJC
0.31
°C/W
R
thCS
(TO-247, TO-3P)
0.25
°C/W
Safe Operating Area Specification
Symbol
Test Conditions
Min.
Typ.
Max.
SOA
V
DS = 400V, ID = 0.5A, TC = 75°C, tp = 2s
200
W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0V
30
A
I
SM
Repetitive, pulse width limited by T
JM
120
A
V
SD
I
F = IS,
V
GS = 0V,
Note 1
1.5
V
t
rr
I
F = IS, -di/dt = 100A/μs, VR = 100V
500
ns
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-247 (IXTH) Outline
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • I
D25
R
G
= 0
Ω (External)
TO-3P (IXTQ) Outline
e
∅ P
1
2
3
TO-268
(IXTT) Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com