Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXDN402SI-16 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDN402SI-16
Description  2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDN402SI-16 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDN402SI-16 Datasheet HTML 1Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 2Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 3Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 4Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 5Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 6Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 7Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 8Page - IXYS Corporation IXDN402SI-16 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IXDN402 / IXDI402 / IXDF402
Output Fall Times vs. Load Capacitance
0
5
10
15
20
25
30
35
40
45
50
0
1000
2000
3000
4000
5000
6000
7000
Load Capacitance (pF)
8V
10V
12V
14V
16V
18V
Output Rise Times vs. Load Capacitance
0
10
20
30
40
50
60
70
80
90
0
1000
2000
3000
4000
5000
6000
7000
Load Capacitance (pF)
8V
10V
12V
14V
16V
18V
Output Rise Time vs. Supply Voltage
CL = 100pF to 6800pF
0
10
20
30
40
50
60
70
80
90
8
10
1214
1618
Supply Voltage (V)
100 pF
470 pF
1000 pF
2200 pF
3900 pF
6800 pF
Output RiseAndFall Timesvs. CaseTemperature
CL=1000pF, Vcc=18V
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature(C)
t
R
t
F
Output Fall Time vs. Supply Voltage
CL = 100pF to 6800pF
0
10
20
30
40
50
60
8
1012
1416
18
Supply Voltage (V)
100 pF
470 pF
1000 pF
2200 pF
3900 pF
6800 pF
Fig. 3
Typical Performance Characteristics
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Max/ MinInput vs. Temperature
CL=1000pFVcc=18V
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature(C)
MinimumInput High
MaximumInput Low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com