Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP07387 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07387
Description  SAW Filter 156.5250MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07387 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07387 Datasheet HTML 1Page - Golledge Electronics Ltd MP07387 Datasheet HTML 2Page - Golledge Electronics Ltd MP07387 Datasheet HTML 3Page - Golledge Electronics Ltd MP07387 Datasheet HTML 4Page - Golledge Electronics Ltd MP07387 Datasheet HTML 5Page - Golledge Electronics Ltd MP07387 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 156.5250MHz
Model: TB1198A
Part No: MP07387
Rev No: 1
TB1198A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 10 dBm
2. DC Voltage: 5V
3. Operating Temperature: -30°C to 65°C
4. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
(Operating temperature: 25°C)
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
156.525
-
Minimum Insertion Loss (Fc ± 12.5kHz) IL
dB
-
2.8
6.0
Passband Ripple (Fc ± 12.5kHz)
dB
-
0.1
1.0
Group delay ripple (Fc ± 12.5kHz) GD
μs
-
0.3
2.5
Attenuation: (Reference level from Min IL)
Fc -10 ~ Fc -2MHz
dB
50
60
-
Fc -2 ~ Fc -1MHz
dB
50
60
-
Fc -1 ~ Fc -0.35MHz
dB
40
57
-
Fc -0.35 ~ Fc -0.1MHz
dB
8
20
-
Fc +0.1 ~ Fc +0.35MHz
dB
8
24
-
Fc +0.35 ~ Fc +1MHz
dB
40
57
-
Fc +1 ~ Fc +2MHz
dB
50
57
-
Fc +2 ~ Fc +10MHz
dB
40
47
-


Similar Part No. - MP07387

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07388 GOLLEDGE-MP07388 Datasheet
159Kb / 6P
SAW Filter 161.86250MHz
MP07389 GOLLEDGE-MP07389 Datasheet
158Kb / 6P
SAW Filter 165.0MHz
More results

Similar Description - MP07387

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com