Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07746 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07746
Description  SAW Filter 343.5MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07746 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07746 Datasheet HTML 1Page - Golledge Electronics Ltd MA07746 Datasheet HTML 2Page - Golledge Electronics Ltd MA07746 Datasheet HTML 3Page - Golledge Electronics Ltd MA07746 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 343.5MHz
Model: TA0188A
Part No: MA07746
Rev No: 1
TA0188A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -10°C to +50°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Min.
Typ.
Max.
Center frequency Fc (dB)
-
343.5
-
Insertion loss within 341.5 ~ 345.5MHz IL (dB)
-
3.1
4.0
Amplitude ripple (p-p) within 341.5 ~ 345.5MHz (dB)
-
0.9
2.0
Attenuation (Reference level from 0dB)
Fc -40 to -9MHz (dB)
30.0
43.0
-
Fc +9 to +40MHz (dB)
15.0
25.5
-
Fc -100 to -40MHz (dB)
50.0
65.0
-
Fc +40 to +100MHz (dB)
50.0
68.0
-
Source impedance ZS ( )
-
52.23 - j 29.66
-
Load impedance ZL ( )
-
52.23 - j 29.66
-
Note1: The standard definitions is in JIS C 6703
Note2:
Z IN = 52.23 - j 29.66
ZO UT = 52.23 - j 29.66
So urce imp edance
5 0
Load impe dan ce
50


Similar Part No. - MA07746

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07741 GOLLEDGE-MA07741 Datasheet
346Kb / 5P
SAW Filter 2441.80MHz
MA07742 GOLLEDGE-MA07742 Datasheet
333Kb / 5P
SAW Filter 163.0MHz
More results

Similar Description - MA07746

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP02717 GOLLEDGE-MP02717 Datasheet
61Kb / 6P
SAW Filter 343.5MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com