Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07760 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07760
Description  SAW Filter 426.1MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07760 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07760 Datasheet HTML 1Page - Golledge Electronics Ltd MA07760 Datasheet HTML 2Page - Golledge Electronics Ltd MA07760 Datasheet HTML 3Page - Golledge Electronics Ltd MA07760 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 426.1MHz
Model: TA0192A
Part No: MA07760
Rev No: 1
TA0192A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -10°C to +60°C
4. Storage Temperature: -20°C to +75°C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Min.
Typ.
Max.
Center frequency Fc (dB)
-
426.1
-
Insertion loss (within 426.012 ~ 426.150MHz) IL (dB)
-
2.5
3.5
Ripple Deviation (p-p) (within 426.012 ~ 426.150MHz) (dB)
-
0.1
1.5
Absolute Attenuation
Within 382.012 ~ 384.150MHz (dB)
50.0
68.0
-
Within 468.012 ~ 470.150MHz (dB) (Plus Image Frequency)
50.0
68.0
-
Source impedance ZS ( )
-
53 - j 29.44
-
Load impedance ZL ( )
-
53 - j 29.44
-
Note 1: The standard definitions is in JIS C 6703
Note 2:
ZIN = 53 - j 29.44
ZOUT = 53 - j 29.44
So urce imp edance
5 0
Load impe dan ce
50


Similar Part No. - MA07760

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07762 GOLLEDGE-MA07762 Datasheet
137Kb / 5P
SAW Filter 475.0MHz
More results

Similar Description - MA07760

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com