Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND185HAP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AND185HAP
Description  InGaAlP High Brightness Amber Light Emission T-1 3/4 Package (5 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AND185HAP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AND185HAP Datasheet HTML 1Page - List of Unclassifed Manufacturers AND185HAP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
4/4/05
AND185HAP
Ultra Bright LED Lamps: Type 3
Weight: 0.31 g
Unit: mm
5.0±0.2
0.5
1. Anode
2. Cathode
2.54
12
Cathode Index
AND185HAP
InGaAlP High Brightness Amber Light
Emission
T-1 3/4 Package (5 mm)
Features
• Peak wavelength (
λp = 612 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current: 1 to 20 mA DC
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• High power luminous intensity
• Suitable for Outdoor Message Signboards, Automotive Use
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
50
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
125
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TStg
-40 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–2.0
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
8,500
11,150
–
mcd
Peak Emission Wavelength
λP
IF = 20 mA
–
612
–
nm
Spectral Line Half Width
∆
λ
IF = 20 mA
–17–
nm
Dominant Wavelength
λd
IF = 20 mA
–
605
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
6
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND185HAP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
InGaAlP High Brightness Orange Light
More results

Similar Description - AND185HAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND180CRP ETC-AND180CRP Datasheet
27Kb / 2P
GaAlAs Red Light Emission T-1 3/4 Package (5 mm)
logo
Purdy Electronics Corpo...
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
InGaAlP High Brightness Yellow Light Emission
AND156HOP PURDY-AND156HOP Datasheet
57Kb / 2P
InGaAlP Orange Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
InGaAlP High Brightness Red Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
InGaAlP High Brightness Yellow Light Emission
AND180AYP PURDY-AND180AYP Datasheet
57Kb / 2P
InGaAlP Yellow Light Emission
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
InGaAlP High Brightness Orange Light
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com