Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1218 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1218
Description  63-Bit Triplex Controller/Driver with Digital Dimming Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1218 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1218 Datasheet HTML 1Page - OKI electronic componets MSC1218 Datasheet HTML 2Page - OKI electronic componets MSC1218 Datasheet HTML 3Page - OKI electronic componets MSC1218 Datasheet HTML 4Page - OKI electronic componets MSC1218 Datasheet HTML 5Page - OKI electronic componets MSC1218 Datasheet HTML 6Page - OKI electronic componets MSC1218 Datasheet HTML 7Page - OKI electronic componets MSC1218 Datasheet HTML 8Page - OKI electronic componets MSC1218 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
¡ Semiconductor
MSC1218
BLOCK DIAGRAM
VDD1
SEG21
SEG1 GRID3
GRID1
5V
POR
5V
REG.
21
21-bit data
1
21
63 21-Segment Control
43
63
42
22 21
1
63-bit Latch
63-bit data
64 63
59 58
49 48
1
64-bit Shift Register
64 bits=0: Digital Dimming Mode
64 bits=1: VF Data Input Mode
VDD2
GND
POR
21-bit Segment Driver
3-bit Grid Driver
21
21
CS
DATA-IN
CLOCK
Control
Circuit
OSC0
OSC1
10-bit Latch
10-bit Digital
Diming
Timing
Generator
POR
VDD=8 - 18V
VCC=5.0V
(Regurator)
OSC
10-bit data
10-bit data
INPUT AND OUTPUT CONFIGURATION
• Schematic Diagrams of Logic Portion Input
Circuit
• Schematic Diagrams of Driver Output Circuit
GND
VDD
GND
INPUT
(5V Reg.)
GND
VDD
GND
OUTPUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com