Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0318A Datasheet(PDF) 6 Page - Golledge Electronics Ltd

Part # TA0318A
Description  SAW Filter 1842.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA0318A Datasheet(HTML) 6 Page - Golledge Electronics Ltd

  TA0318A Datasheet HTML 1Page - Golledge Electronics Ltd TA0318A Datasheet HTML 2Page - Golledge Electronics Ltd TA0318A Datasheet HTML 3Page - Golledge Electronics Ltd TA0318A Datasheet HTML 4Page - Golledge Electronics Ltd TA0318A Datasheet HTML 5Page - Golledge Electronics Ltd TA0318A Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1842.50MHz
Model: TA0318A
Part No: MA05900
Rev No: 1
TA0318A v1
6
G. REFLOW PROFILE:
1. Preheating shall be fixed at 140 ~ 160°C for 60 ~ 90 seconds.
2. Ascending time to preheating temperature 150°C s hall be 30 seconds min.
3. Heating shall be fixed at 200°C for 50 ~ 60 seco nds and at 230 ± 10°C peak.
IR-reflow Profile
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
20
40
60
80
100 120 140 160 180 200 220 240 260
Time/sec
Peak (240°C max)
30sec min
60 ~ 90 sec
50 ~ 60 sec
Preheating
(140~160°C)
Heating
(200°C)
Go down
gradually



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com