Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S486 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # S486
Description  DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

S486 Datasheet(HTML) 3 Page - Unisonic Technologies

  S486 Datasheet HTML 1Page - Unisonic Technologies S486 Datasheet HTML 2Page - Unisonic Technologies S486 Datasheet HTML 3Page - Unisonic Technologies S486 Datasheet HTML 4Page - Unisonic Technologies S486 Datasheet HTML 5Page - Unisonic Technologies S486 Datasheet HTML 6Page - Unisonic Technologies S486 Datasheet HTML 7Page - Unisonic Technologies S486 Datasheet HTML 8Page - Unisonic Technologies S486 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S486
CMOS IC
UNISONIC TECHNOLOGIES CO., LTD
3 of 12
www.unisonic.com.tw
QW-R502-074.D
ABSOLU T E M AX I M U M RAT I N G (TA=25°
С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage (Note 2)
VCC
6
V
Input Voltage
VIN
-0.3V ~ VCC+0.3V
V
Output Short Circuit to VCC or GND
Continuous(Note 3)
SOP-8
0.71
W
Power Dissipation (TJ=150°
С)
MSOP-8
PD
0.58
W
Junction Temperature
TJ
+150
°
С
Operating Temperature
TOPR
-40 ~ +85
°
С
Storage Temperature
TSTG
-65 ~ +150
°
С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All voltage values are measured with respect to the ground pin.
3. Attention must be paid to continuous power dissipation (VDD x 300mA). Exposure of the IC to a short circuit
for an extended time period is dramatically reducing product life expectancy.
T H ERM AL DAT A
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
175
°
С/W
Junction to Ambient
MSOP-8
θJA
215
°
С/W
RECOM M EN DED OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2 ~ 5.5
V
ACTIVE
1.5
≤VSTB≤VCC
V
Standby Voltage Input
STANDBY
VSTB
GND
≤VSTB≤0.4(Note)
V
Load Resistor
RL
≥16
Ω
RL = 16 ~ 100
Ω
400
pF
Load Capacitor
RL > 100
Ω
CL
100
pF
Junction to Ambient
θJA
150
/W
℃
Note: The minimum current consumption (ISTB) is guaranteed at GND for the whole temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com