Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA90N33TC Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA90N33TC
Description  Trench Gate, High Speed, IGBTs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA90N33TC Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA90N33TC Datasheet HTML 1Page - IXYS Corporation IXGA90N33TC Datasheet HTML 2Page - IXYS Corporation IXGA90N33TC Datasheet HTML 3Page - IXYS Corporation IXGA90N33TC Datasheet HTML 4Page - IXYS Corporation IXGA90N33TC Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXGQ90N33TCD1 IXGA90N33TC
IXGQ90N33TC
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fS
I
C = 45A, VCE = 10V, Note 1
40
65
S
C
ies
2320
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
180
pF
C
res
21
pF
Q
g
69
nC
Q
ge
I
C = 45A, VGE = 15V, VCE = 0.5 • VCES
15
nC
Q
gc
13
nC
t
d(on)
13
ns
t
r
30
ns
t
d(off)
38
ns
t
f
49
ns
t
d(on)
13
ns
t
r
28
ns
t
d(off)
50
ns
t
f
74
ns
R
thJC
0.62 °C/W
R
thCS
TO-3P
0.21
°C/W
Resistive Switching Times, T
J = 125°C
I
C = 45A, VGE = 15V
V
CE = 240V, RG = 5Ω
Resistive Switching Times, T
J = 25°C
I
C = 45A, VGE = 15V
V
CE = 240V, RG = 5Ω
Reverse Diode
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max
V
F
I
F = 20A, VGE = 0V, Note 1
2.0
V
R
thJC
2.5 °C/W
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005
TO-263 Outline
1. Gate
2. Collector
3. Emitter
4. Collector
Bottom Side
TO-3P Outline
1 = Gate
2,4
= Collector
3 = Emitter
Note:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com