Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGA9289 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA9289
Description  For Plasma Display Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA9289 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA9289 Datasheet HTML 1Page - IXYS Corporation IXGA9289 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGA9289
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C
= 60 A V
CE = 10 V
60
85
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
5600
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
160
pF
C
res
38
pF
Q
g
134
nC
Q
ge
I
C
= 60 A, V
GE = 15 V, VCE = 0.5 VCES
34
nC
Q
gc
29
nC
t
d(on)
33
n s
t
ri
43
n s
t
d(off)
73
n s
t
fi
24
n s
t
d(on)
32
n s
t
ri
72
n s
t
d(off)
84
n s
t
fi
40
n s
R
thJC
0.5
K/W
R
thCK
0.25
K/W
Resistive load, T
J = 25°
°°°°C
I
C
= 60 A, V
GE = 15 V
V
CE = 150 V, RG = Roff = 5 Ω
Resistive load, T
J = 125°
°°°°C
I
C
= 60 A, V
GE = 15 V
V
CE = 150 V, RG = Roff = 5 Ω
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
TO-263 AA Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
7.11
8.13
.280
.320
E
9.65
10.29
.380
.405
E1
6.86
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.38
0
.015
R
0.46
0.74
.018
.029



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com