Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGI48N60C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGI48N60C3
Description  High-Speed PT IGBTs for 40-100kHz Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGI48N60C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGI48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 6Page - IXYS Corporation IXGI48N60C3 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
75
A
I
C110
T
C = 110°C
48
A
I
CM
T
C = 25°C, 1ms
250
A
I
A
T
C = 25°C
30
A
E
AS
T
C = 25°C
300
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 3Ω
I
CM = 100
A
(RBSOA)
Clamped Inductive Load
V
CE ≤ VCES
P
C
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10 Seconds
260
°C
F
C
Mounting Force (TO-263 Lead)
10.65 / 2.5..14.6
N/lb.
M
d
Mounting Torque (TO-247&TO-220)
1.13/10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-263 Lead
2.8
g
TO-220
3.0
g
TO-247
6.0
g
DS99953B(06/11)
IXGI48N60C3
IXGA48N60C3
IXGP48N60C3
IXGH48N60C3
V
CES
= 600V
I
C110
= 48A
V
CE(sat) ≤
≤≤≤≤ 2.5V
t
fi(typ)
= 38ns
GenX3TM 600V IGBTs
High-Speed PT IGBTs for
40-100kHz Switching
Features
Optimized for Low Switching Losses
Square RBSOA
Avalanche Rated
Fast Switching
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 125°C
250
μA
I
GES
V
CE = 0V, VGE = ± 20V
±100 nA
V
CE(sat)
I
C
= 30A, V
GE = 15V, Note 1
2.3
2.5
V
T
J = 125°C
1.8
V


Similar Part No. - IXGI48N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
HiPerFAST IGBT with Diode
IXGA10N60 IXYS-IXGA10N60 Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGA10N60A IXYS-IXGA10N60A Datasheet
56Kb / 2P
Low VCE(sat) IGBT, High speed IGBT
IXGA12N100 IXYS-IXGA12N100 Datasheet
51Kb / 2P
IGBT
IXGA12N100A IXYS-IXGA12N100A Datasheet
51Kb / 2P
IGBT
More results

Similar Description - IXGI48N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGN50N120C3H1 IXYS-IXGN50N120C3H1 Datasheet
196Kb / 6P
High-Speed PT IGBT for 20-50 kHz Switching
IXGR24N120C3D1 IXYS-IXGR24N120C3D1 Datasheet
168Kb / 7P
High speed PT IGBTs for 20-50kHz Switching
logo
Asahi Kasei Microsystem...
AK9710 AKM-AK9710 Datasheet
496Kb / 10P
High Speed Response (~100kHz)
logo
IXYS Corporation
MMIX1G320N60B3 IXYS-MMIX1G320N60B3 Datasheet
250Kb / 7P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGR55N120A3H1 IXYS-IXGR55N120A3H1 Datasheet
101Kb / 2P
Ultra-Low-Vsat PT IGBTs for up to 3kHz Switching
IXGR60N60C3D1 IXYS-IXGR60N60C3D1 Datasheet
221Kb / 7P
High Speed PT IGBT for 40-100 kHz Switching
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
Low-Vsat PT Trench IGBTs
IXGN72N60C3H1 IXYS-IXGN72N60C3H1 Datasheet
229Kb / 7P
High-Speed Low-Vsat PT IGBTs 40-100 kHz Switching
IXGN400N60B3 IXYS-IXGN400N60B3 Datasheet
181Kb / 6P
Medium-Speed Low-Vsat PT IGBT for 5-40 kHz Switching
IXGQ50N60C4D1 IXYS-IXGQ50N60C4D1 Datasheet
203Kb / 7P
High-Speed PT Trench IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com