Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC370W01 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LC370W01
Description  37.0 WXGA TFT LCD
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC370W01 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LC370W01 Datasheet HTML 17Page - NXP Semiconductors LC370W01 Datasheet HTML 18Page - NXP Semiconductors LC370W01 Datasheet HTML 19Page - NXP Semiconductors LC370W01 Datasheet HTML 20Page - NXP Semiconductors LC370W01 Datasheet HTML 21Page - NXP Semiconductors LC370W01 Datasheet HTML 22Page - NXP Semiconductors LC370W01 Datasheet HTML 23Page - NXP Semiconductors LC370W01 Datasheet HTML 24Page - NXP Semiconductors LC370W01 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Product Specification
21 / 28
LC370W01
Liquid Crystal Display
Ver. 0.1
May.25, 2004
The following items provide general mechanical characteristics. In addition the figures in the next page are
detailed mechanical drawing of the LCD module.
460.8mm
Vertical
Hard coating(3H)
Anti-glare treatment of the front polarizer
Surface Treatment
11,500 (Typ.)/12,000(Max)
Weight
469.8mm
Vertical
516.8 mm
Vertical
55.5 mm
Depth
819.6mm
Horizontal
Active Display Area
826.6mm
Horizontal
Bezel Area
877.0 mm / 878.0mm(Inverter)
Horizontal
Outline Dimension
Note : Please refer to a mechanic drawing in terms of tolerance at the next page.
5. Mechanical Characteristics
Table 13. MECHANICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com