Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAPLRBA0 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAPLRBA0
Description  Photolink- Fiber Optic Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAPLRBA0 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAPLRBA0 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAPLRBA0 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DATASHEET
Photolink- Fiber Optic Receiver
EAPLRBA0
4
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 05.29.2013.. Issue No: 1
www.everlightamericas .com
*Fig.3 Measuring Method of Output Voltage, Pulse and Jitter
Output
Vin
25 Mbps NRZ "0101" successive signal input
Standard Transmitter Unit
Input
Signal
Input
tw = TPHL-TPLH
tj2
tj1
50%
50%
CH2
47uH
T
TPLH
PHL
Vcc
GND
CH1
Standard plastic optic fiber cable
PLR233 Receiver Unit
3.3V
A
GND
0.1uF
Vcc
Vout
tr = 10% --> 90% Rise Time
tf = 90% --> 10% Fall Time
t r
t f
Application Circuit
(1) General application circuit
L2:47uH
C1:0.1uF
Vout
Vcc
L2
Vcc
GND
C1
Note: 1.For having good coupling, the C1 capacitor must be placed within 7mm
2. For having good signal waveform, the Vout
–GND circuit capacitor shall be smaller than 30pF.
EAPLRBA0 Receiver
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com