Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5G3600 Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # B5G3600
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

B5G3600 Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  B5G3600 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. B5G3600 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. B5G3600 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
B5G3600
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
B5G3600-01
Gas Discharge Tube
Version: A1
2016-01-26
B5G
XXXX
(1)
(2)
(1)Bencent 2-Electrode DIP Gas Discharge Tube with
dimension:
Φ5.5×6 (D×L) (mm)
(2) DC Breakdown Voltage, e.g., 3600=3600V
Part Numbering System
Product Dimensions
Environmental Reliability Characteristics
Lead Material
Copper
Body Material
Ceramics
Iron-nickel electrode
Terminal Finish
100% Matte-Tin Plated
Product Characteristics
Testing items
Technical standards
High Temperature Storage Test
Temperature: 90℃
Time:2H
Low Temperature Storage Test
Temperature: -40℃
Time:2H
Vibration
Frequency:10-500Hz
Amplitude:0.15mm
Time:45mins
Resistance of soldering heat
Temperature: 260±5℃
Time of dip soldering:10s,1time
REF
mm
inch
A
62±2
2.441±0.079
B
6±0.2
0.236±0.008
C
Φ5.5±0.2
Φ5.5±0.008
Note: Up-screen program can be specified by customer’s request via contacting Bencent service
Solderability Test
Solderability
Solder Pot Temperature:
245℃±5℃
Solder Dwell Time:
4-6 seconds



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com