Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA151N Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA151N
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA151N Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA151N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA151N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA151N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/4
Gas
BA
(1)
(1)B
(2) S
(3) T
N=+
E
Par
Rec
Pro
Env
C
Hi
Lo
Vib
Re
Not
Sol
4
www.be
s Discharge
A
151
N
(2)
(3
Bencent Gas D
Series: DC Br
Tolerance of
+-30%,the Sp
Electrical Para
rt Numberin
commended
oduct Dimen
vironmental
T
igh Temperatu
ow Temperatu
bration
esistance of so
te: Up-screen
A
B
lderability t
Sold
encent.com
e Tube
N
3)
Discharge Tu
reakdown Vo
DC Breakdow
pecific toleran
ameter
ng System
d Soldering
nsions
l Reliability
A
B
Testing items
ure Storage T
ure Storage T
oldering heat
n program can
est
derability
m.cn
ube
oltage, e.g.
wn Voltage, M
nce is decided
Pad
y Characteri
Test
Test
t
n be specified
C
D
S
151=15×10
1=
M=+-20%,
d by the table
istics
Tempera
Time:2H
Tempera
Time:2H
Frequenc
Amplitud
Time:4
Tempera
Time of
d by customer
D
Solder Pot Tem
Solder Dwe
Customers sho
=150V
e of
Pr
ature: 85℃
H
ature: -40℃
H
cy:10-500H
de:0.15mm
45mins
ature: 260±5℃
dip soldering
r’s request vi
mperature:
ell Time:
S
uld verify actua
Lead Mater
Body Mater
Terminal Fin
roduct Char
Techn
Hz
m
g:10s,1tim
REF
A
B
C
D
REF
A
B
C
ia contacting
Specifications a
al device perfor
ial
C
rial
nish
racteristics
nical standard
me
mm
4.5±0.3
0.5±0.2
2.7±0.2
3.2±0.2
mm
5.5
3.5
3.5
Bencent serv
245
4-6
are subject to ch
rmance in their
Order C
Versi
opper or iron
Ceram
100% Matte-
ds
3
0
2
0
2
0
2
0
vice
5℃±5℃
6 seconds
BA15
hange without n
specific applic
Code:
BA1
ion: A0
2013
n nickel alloy
mics
-Tin Plated
inch
0.177±0.012
0.020±0.008
0.106±0.008
0.126±0.008
inch
0.217
0.138
0.138
51N
notice.
ations
151N
-09-17



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com