Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1676 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1676
Description  Mobile AMD AthlonTM VRM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1676 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1676 Datasheet HTML 1Page - Microsemi Corporation LX1676 Datasheet HTML 2Page - Microsemi Corporation LX1676 Datasheet HTML 3Page - Microsemi Corporation LX1676 Datasheet HTML 4Page - Microsemi Corporation LX1676 Datasheet HTML 5Page - Microsemi Corporation LX1676 Datasheet HTML 6Page - Microsemi Corporation LX1676 Datasheet HTML 7Page - Microsemi Corporation LX1676 Datasheet HTML 8Page - Microsemi Corporation LX1676 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LX1676
PRELIMINARY DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Mobile AMD Athlon
™ VRM Controller
I N T E GR A T ED
PRODUCT S
Copyright
© 2000
Revision: 0.4b, 9/14/2004
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage (VCCL, VCC)................................................-0.3V to 6.0V
Battery Input Voltage (VIN)..............................................................-0.3V to 36V
Current Limit Sense (ILIM1, ILIM3) ................................................-0.3V to 36V
Topside Driver Supply Input Voltage (VC1, VC2, VC3)........-0.3 toVSx + 6.0V
Topside Driver Return Input Voltage (VS1, VS2)................................-5V to 36V
Differential Sense Input Voltage (FB+, FB-)....................................-0.3V to 6.0V
VID0 – VID4, Input Voltage ...............................................................-0.3V to 6V
High Side Driver Peak (<500ns) Current (HO1/2, I-MAX) ............................+1A
Low Side Driver Peak (<500ns) Sink Current (LO1/2, I-MIN)....................+1.5A
Operating Junction Temperature.................................................................. 150°C
Storage Temperature Range...........................................................-65°C to 150°C
Lead Temperature (Soldering 10 seconds) .................................................. 300°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
x denotes respective pin designator 1, 2, or 3
PACKAGE PIN OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
FB-
DFOUT
EO1
EA1-
DACOUT
PWGD
GND
ROSC
ENA
VID4
VID3
PGN3
I-MIN
VCCL
LO2
PGN
LO1
VS1
HO1
VC1
VC3
I-MAX
VIN
VS3
Connect Bottom to
Power GND
LQ PACKAGE
(Top View)
1
19
38
20
FB-
DFOUT
EO1
EA1-
DACOUT
PWGD
GND
VIN
ROSC
ENA
VID4
VID3
VID2
VID1
VID0
VS2
H02
VC2
VCC
PGN3
I-MIN
VCCL
LO2
PGN
LO1
VC1
VC3
VS3
ILIM3
ILIM1
LP1
LP2
EA2-
EO2
FB+
VS1
HO1
I-MAX
PW PACKAGE
(Top View)
RECOMM END E D O P ERATING CONDITIONS
LX1676
Parameter
Symbol
Min
Typ
Max
Units
IC Input Supply Voltage
VCC
4.5
5.5
V
Battery Input Voltage
VIN
5.7
25.2
V
Biphase Topside Driver Return Voltage
VS1, VS2
0
25.2
V
Transient Correction Phase Driver Return Voltage
VS3
0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com