Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM486SL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MSM486SL2
Description  The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSM486SL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MSM486SL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSM486SL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSPACE PC/104
486CPU-66MHz
MSM486SL
Ordering Information
Item codes
Part #
Desription
MSM486SL2
801102
486 CPU, 2MB DRAM, CGA-1/4VGA, no CRT/LCD
MSM486SL8
801108
486 CPU, 8MB DRAM, CGA-1/4VGA, no CRT/LCD
MSM486SL16
801116
486 CPU, 16MB DRAM, CGA-1/4VGA, no CRT/LCD
Options
MSM486SVPC 801088
Board mounted, dual slot PCMCIA adapter
Solid State Flash Disk (32 pin DIL) - DiskOnChip
MD-2800-D08
DiskOnChip “Millenium”, 8MB
MD-2202-D16
DiskOnChip 2000, 16MB
MD-2200-D24
DiskOnChip 2000, 24MB
MD-2202-D32
DiskOnChip 2000, 32MB
MD-2202-D48
DiskOnChip 2000, 48MB
MD-2202-D72
DiskOnChip 2000, 72MB
MD-2202-D96
DiskOnChip 2000, 96MB
MD-2203-D144
DiskOnChip 2000, 144MB
MD-2203-D192
DiskOnChip 2000, 192MB
MD-2203-D224
DiskOnChip 2000, 224MB
MD-2203-D288
DiskOnChip 2000, 288MB
IDE Flash Modules
MSFLASH16
080509
IDE Flash Disk 16MB (2" x 1.2" x 0.5")
MSFLASH32
808532
IDE Flash Disk 32MB (2" x 1.2" x 0.5")
MSFLASH64
808564
IDE Flash Disk 64MB (2" x 1.2" x 0.5")
Cables
MSM-CK
802605
Cable kit, including cable for 1.8"/2.5" Hard Drive
Features
• AMD Elan™SC400, 3.3V, 66MHz
• Video: LCD (CGA, ¼ VGA) STN 8bit
• DRAM: 2, 8, (16)MB (soldered)
• 1st Level Cache: 8kBytes
• SSD: DIL Socket for DOC2000
• IDE (ISA): Hard Drive, Flash
• Floppy Disk Interface (3.5”)
• COM1, COM2, COM3
• LPT1 bi-directional
• LCD Character Interface
• Key Matrix Scanner
• RTC with Back-up Li-Battery
• Watchdog with Power Failure Detection
• Power Management (Suspend)
• Form Factor: PC/104
• BUS PC/104
• EEPROM for Setup Values
• Operating Temperature: -25°C to +70°C
• Extend. Temp.: -40°C to +85°C (33MHz)
available
Description
The low power, low cost 486 CPU MSM486SL
integrates all functions of a standard PC on one
board, except CRT, though a STN flat panel
(monochrome) can be connected — the
adjustable LCD-BIAS voltage generator is on-
board. Most remarkable is its low power
consumption (5V only) and wide operating
temperature range — no cooling needed. Power
management and a programmable watchdog
timer are standard. The operating system and
the application program can be booted from
floppy disk, hard disk, or an optional SSD (DOC)
with up to 144MB flash memory, which can be
programmed on-board. In addition, an IDE flash
disk 16MB (no FFS needed) can be connected to
the IDE port and directly mounted onto the board.
Besides a AT/PS2 keyboard controller, a key
matrix scanner (8 x 16) is on-board. The CPU
runs on operating systems such as MS-DOS,
Windows, Windows NT, Windows CE (min.
DRAM 8MB), and real time systems such as
QNX or Linux, to name a few. Min. quantities of
50 units per order are required for extended
temperature range and coating.


Similar Part No. - MSM486SL2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM41256A OKI-MSM41256A Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
MSM41256A-10 OKI-MSM41256A-10 Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
MSM41256A-12 OKI-MSM41256A-12 Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
MSM41256A-15 OKI-MSM41256A-15 Datasheet
699Kb / 13P
262,144-WORD x 1-BIT DYNAMIC RAM
logo
Littelfuse
MSM420W6 LITTELFUSE-MSM420W6 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
More results

Similar Description - MSM486SL2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
member of the low-cost
logo
List of Unclassifed Man...
3022-005-P ETC2-3022-005-P Datasheet
154Kb / 4P
PC Board Mountable Accelerometer Millivolt Output Low Cost
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
a low cost version of our popular the Surface Mount,
31/08/07
logo
Grayhill, Inc
62P GRAYHILL-62P Datasheet
408Kb / 2P
Low Cost, PC Mount
logo
Freescale Semiconductor...
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
National Semiconductor ...
SM3320 NSC-SM3320 Datasheet
595Kb / 8P
Reference Design integrates power optimizer and a low-cost 2.4GHz
logo
List of Unclassifed Man...
MXR9150G ETC2-MXR9150G Datasheet
185Kb / 8P
The MXR9150G/M is a low cost, tri axis accelerometer fabricated on a standard, submicron CMOS process.
logo
NXP Semiconductors
68HC05JB4 NXP-68HC05JB4 Datasheet
2Mb / 134P
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
REV 2 February 24 , 1999
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
logo
Skyworks Solutions Inc.
SI34071 SKYWORKS-SI34071 Datasheet
913Kb / 34P
The Si34071 integrates the signaling, control, and power conversion functions required in a Power over Ethernet 802.3btpowered device (PD) application.
Rev. 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com