Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM486SL8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSM486SL8
Description  The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSM486SL8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSM486SL8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSM486SL8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer
USA Distributor & Support Center
Representative
DIGITAL-LOGIC AG
Advanced Digital Logic, Inc.
Nordstrasse 4/F
4411 Morena Blvd., Suite 230
CH-4708 Luterbach
San Diego, CA 92117-4328
Switzerland
P: 858.490.0597 F: 858.490.0599
Email: sales@adlogic-pc104.com
http://www.adlogic-pc104.com
Technical Specifications
msm486sl rev11/01
MSM486SL
Features
Functions
Remarks
Options
General
CPU
AMD ElanSC400
Clock Frequency
66MHz
33MHz (selectable)
Math. Co-processor
none
no floating point
DRAM
2, 8, (16) MB
soldered
Solid State Disk
32-pin DIL-Socket for DOC
2 to 144MB
DMA/IRQ Available1 DMA (8bit); 2 IRQ (programmable
)
custome
r
Cache (Level 1)
8kB Write-back
no 2nd Level
Counters/Timers
3 programmable
Zero Wait State Signal
not available
Watchdog Timer
Enable/disable (softw.); power fail indication
Strobe 800ms
Setup Saves
EEPROM 2kB (1kB for user)
BUS System
PC/104
104 pins
PC-Interfaces
Video Controller
CGA, ¼ VGA (monochrome)
ModeFlat Pane
l, 8bit STN
5V or 3.3V
Resolution
320 x 240 monochrome
640 x 200 mono
Video Memory
UMA
Bias-Voltage LCD
On-board (-18V to -30V)
adjustable
LCD-Character Interface
8 bit (bi-directional)
Hard Disk Controller
IDE, AT-Type (1.3”/1.8”/2.5” Hard Disk)
44 pins (RM2)
IDE Flash 16MB
Floppy Disk Controller
3.5”, micro floppy
26 pins (FCC)
Adapt. for reg. floppy
Serial Ports
COM1: RS485
2 pins
COM2/3: RS232C
10 pins
Parallel Port
LPT1 (SPP, EPP bi-directional)
1x26 pins
Keyboard Controller
AT or PS2
KB-Matrix Controller
8 x 16 keys
MousePS/2
Electrical
Power Requirement
5V/510mA (typical)
2MB
Power Management
Suspend: 5V/350mA
2MB
RTC Back-up Battery
Lithium 220mAh on-board
Approx. 5 years
external
Physical Characteristics
Dimensions
3.8” x 3.6” x 0.5” (96x90x11mm)
from Surface
Weight
2.3 oz. (65g)
MTBF
200,000 hours
Operating Environment
Operating Temperature
-25°C to 70°C
Burn-in; no cooling
Extended Temperature
-40°C to +85°C (33MHz) available
min. qty.
Storage Temperature
-55°C to +85°C
Relative Humidity
5 - 90% non-condensing
Vibration
5 to 2000Hz
Shock
10 G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com