Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87LPC759 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P87LPC759
Description  Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC759 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P87LPC759 Datasheet HTML 25Page - NXP Semiconductors P87LPC759 Datasheet HTML 26Page - NXP Semiconductors P87LPC759 Datasheet HTML 27Page - NXP Semiconductors P87LPC759 Datasheet HTML 28Page - NXP Semiconductors P87LPC759 Datasheet HTML 29Page - NXP Semiconductors P87LPC759 Datasheet HTML 30Page - NXP Semiconductors P87LPC759 Datasheet HTML 31Page - NXP Semiconductors P87LPC759 Datasheet HTML 32Page - NXP Semiconductors P87LPC759 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Philips Semiconductors
Preliminary data
P87LPC759
Low power, low price, low pin count (14 pin)
microcontroller with 1 kbyte OTP
2002 Mar 21
27
EPROM Characteristics
Programming of the EPROM on the P87LPC759 is accomplished
with a serial programming method. Commands, addresses, and data
are transmitted to and from the device on two pins after
programming mode is entered. Serial programming allows easy
implementation of On-Board Programming of the P87LPC759 in an
application board. Details of On-Board Programming can be found in
application note AN466.
The P87LPC759 contains three signature bytes that can be read
and used by an EPROM programming system to identify the device.
The signature bytes designate the device as an P87LPC759
manufactured by Philips. The signature bytes may be read by the
user program at addresses FC30h, FC31h and FC60h with the
MOVC instruction, using the DPTR register for addressing.
System Configuration Bytes
A number of user configurable features of the P87LPC759 must be
defined at power up and therefore cannot be set by the program
after start of execution. Those features are configured through the
use of two EPROM bytes that are programmed in the same manner
as the EPROM program space. The contents of the two
configuration bytes, UCFG1 and UCFG2, are shown in Figures 27
and 28. The values of these bytes may be read by the program
through the use of the MOVX instruction at the addresses shown in
the figure.
BIT
SYMBOL
FUNCTION
UCFG1.7
WDTE
Watchdog timer enable. When programmed (0), disables the watchdog timer. The timer may
still be used to generate an interrupt.
UCFG1.6
RPD
Reset pin disable. When 1 disables the reset function of pin P1.5, allowing it to be used as an
input only port pin.
UCFG1.5
PRHI
Port reset high. When 1, ports reset to a high state. When 0, ports reset to a low state.
UCFG1.4
BOV
Brownout voltage select. When 1, the brownout detect voltage is 2.5V. When 0, the brownout
detect voltage is 3.8V. This is described in the Power Monitoring Functions section.
UCFG1.3
CLKR
Clock rate select. When 0, the CPU clock rate is divided by 2. This results in machine cycles
taking 12 CPU clocks to complete as in the standard 80C51. For full backward compatibility,
this division applies to peripheral timing as well.
UCFG1.2–0 FOSC2–FSOC0
CPU oscillator type select. See Oscillator section for additional information. Combinations
other than those shown below should not be used. They are reserved for future use.
FOSC2–FOSC0
Oscillator Configuration
1 1 1
External clock input on X1 (default setting for an unprogrammed part).
0 1 1
Internal RC oscillator, 6 MHz. For tolerance, see AC Electrical Characteristics table.
0 1 0
Low frequency crystal, 20 kHz to 100 kHz.
0 0 1
Medium frequency crystal or resonator, 100 kHz to 4 MHz.
0 0 0
High frequency crystal or resonator, 4 MHz to 20 MHz.
FOSC0
SU01477
FOSC1
FOSC2
CLKR
BOV
PRHI
RPD
WDTE
0
1
2
3
4
5
6
7
UCFG1
Unprogrammed Value: FFh
Address: FD00h
Figure 27. EPROM System Configuration Byte 1 (UCFG1)
BIT
SYMBOL
FUNCTION
UCFG2.7, 6
SB2, SB1
EPROM security bits. See table entitled, “EPROM Security Bits” for details.
UCFG2.5–0
—
Reserved for future use.
—
SU01186
—
—
—
—
—
SB1
SB2
0
1
2
3
4
5
6
7
UCFG2
Unprogrammed Value: FFh
Address: FD01h
Figure 28. EPROM System Configuration Byte 2 (UCFG2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com