Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBA10N300HV Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBA10N300HV
Description  High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBA10N300HV Datasheet(HTML) 2 Page - IXYS Corporation

  IXBA10N300HV Datasheet HTML 1Page - IXYS Corporation IXBA10N300HV Datasheet HTML 2Page - IXYS Corporation IXBA10N300HV Datasheet HTML 3Page - IXYS Corporation IXBA10N300HV Datasheet HTML 4Page - IXYS Corporation IXBA10N300HV Datasheet HTML 5Page - IXYS Corporation IXBA10N300HV Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBA10N300HV
IXBH10N300HV
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fS
I
C = 10A, VCE = 10V, Note 1
6
11
S
C
ies
1044
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
42
pF
C
res
14
pF
Q
g
46
nC
Q
ge
I
C = 10A, VGE = 15V, VCE = 1000V
5
nC
Q
gc
20
nC
t
d(on)
36
ns
t
r
340
ns
t
d(off)
100
ns
t
f
1850
ns
t
d(on)
40
ns
t
r
765
ns
t
d(off)
120
ns
t
f
2010
ns
R
thJC
0.69
°C/W
R
thCS
TO-247HV
0.21
°C/W
Note
1: Pulse test, t
300μs, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times, T
J = 125°C
I
C = 10A, VGE = 15V
V
CE = 960V, RG = 10
Resistive Switching Times, T
J = 25°C
I
C = 10A, VGE = 15V
V
CE = 960V, RG = 10
Reverse Diode
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V
2.7
V
t
rr
1.6
μs
I
RM
23
A
Q
RM
18.6
μC
I
F = 5A, VGE = 0V, -diF/dt = 100A/μs
V
R = 100V, VGE = 0V
TO-247HV Outline
PINS:
1 - Gate 2 - Emitter
3, 4 - Collector
A
Q S
A3
e
c
A1
L1
D3
2X
A2
0P
3
1 2
e1
b
D1
D2
E2
E3
3X
4X
3X
b1
0P1
4
D
L
TO-263HV-2L Outline
PIN: 1 - Gate
2 - Emitter
3 - Collector
E
R
L
c
b
A
H
D
E
E1
L3
L4
A1
D1
E1
b2
c2
e2
A2
e1
L1
3
2
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com