Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MITB10WB1200TMH Datasheet(PDF) 7 Page - IXYS Corporation

Part # MITB10WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB10WB1200TMH Datasheet(HTML) 7 Page - IXYS Corporation

  MITB10WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB10WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2010 IXYS All rights reserved
7 - 8
20100906b
MITB10WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Advanced Technical Information
Typical turn on gate charge
Typical switching energy versus collector current
Typical switching energy versus gate resistance
Typical turn-off characteristics of free wheeling diode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
Qg [nC]
Ic = 10A
Vce = 600V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
0
2
4
6
8
10
12
14
16
18
20
22
Ic, If [A]
Eon
Eoff
Erec
Vce = 600V
Vge = +/-15V
Rg = 100W
Tvj = 125°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
100
120
140
160
180
200
220
Rg [W ]
Eon
Eoff
Erec
Ic, If = 10A
Vce = 600V
Vge = +/-15V
Tvj = 125°C
220W
100W
150W
100W
220W
150W
11
11.2
11.4
11.6
11.8
12
12.2
12.4
12.6
12.8
13
200
220
240
260
280
300
320
dif/dt [A/µs]
300
320
340
360
380
400
420
440
460
480
500
Irr
trr
If = 10A
Vce = 600V
Vge = +/-15V
Tvj = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com