Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MITB15WB1200TMH Datasheet(PDF) 5 Page - IXYS Corporation

Part # MITB15WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB15WB1200TMH Datasheet(HTML) 5 Page - IXYS Corporation

  MITB15WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2010 IXYS All rights reserved
5 - 8
20100906a
MITB15WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Part number
M = Module
I = IGBT
T = Trench
A = Gen3 / low loss
10 = Current Rating [A]
WB = 6-Pack + 3~ Rectifier Bridge & Brake Unit
1200 = Reverse Voltage [V]
T = NTC
MH = MiniPack2
Ordering
Part Name
Marking on Product Delivering Mode Base Qty Ordering Code
Standard
MITB 15 WB 1200 TMH MITB15WB1200TMH
Box
20
502893
Circuit Diagram
Outline Drawing
Dimensions in mm (1 mm = 0.0394“)
A
12
40,6
55,9
14
Ø4
A ( 2 : 1 )
1,2
2,2
0,635
Pin positions with tolerance
Ø 0.4
G1
G3
G5
G2
G4
G6
U
V
W
NTC1
L1
L2
L3
N
EU
EV
EW
P P1
B
NB
D8
D12
D9
D13
D7
T7
NTC2
GB
D1
D3
D5
D2
D4
D6
T1
T3
T5
T2
T4
T6
D10
D11
8,89
16,51
20,32
24,13
26,37
27,94
31,75
35,56
44,45
48,26
P1
B
P
N
NB
GB
L1
L3
NTC1
G3
V
G1
U
G5 W
EW G6EV G4 EU G2
NTC2
Product Marking
L2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com