Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2317DT2AG Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LP2317DT2AG
Description  20V P-Channel (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2317DT2AG Datasheet(HTML) 5 Page - Leshan Radio Company

  LP2317DT2AG Datasheet HTML 1Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 2Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 3Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 4Page - Leshan Radio Company LP2317DT2AG Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LP2317DT2AG
20V P-Channel (D-S) MOSFET
7.OUTLINE AND DIMENSIONS
8. SOLDERING FOOTPRINT
DFN2020-6S
DIM
MIN
NOR
MAX
A
0.60
0.65
0.70
A1
0.01
0.03
0.05
b
0.25
0.30
0.35
D
1.95
2.00
2.05
E
1.95
2.00
2.05
e
0.65TYP.
L
0.23
0.28
0.33
L1
0.60
0.65
0.65
D1
0.90
0.95
1.00
E1
1.10
1.15
1.20
A3
0.152REF
All Dimensions in mm
DFN2020-6S
Dim
(mm)
X
0.40
X1
0.95
Y3
1.54
Y4
2.39
X2
1.70
e
0.65
Y
0.43
Y1
0.75
Y2
1.15
Leshan Radio Company, LTD.
5/5
Rev.D Nov. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com