Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07340 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07340
Description  SAW Filter 1330.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07340 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07340 Datasheet HTML 1Page - Golledge Electronics Ltd MA07340 Datasheet HTML 2Page - Golledge Electronics Ltd MA07340 Datasheet HTML 3Page - Golledge Electronics Ltd MA07340 Datasheet HTML 4Page - Golledge Electronics Ltd MA07340 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1330.0MHz
Model: TA0375A
Part No: MA07340
Rev No: 1
TA0375A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -25°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Balanced to balanced operation
Terminating source impedance: ZS = 100
Terminating load impedance: ZL = 100
Item
Unit
Min.
Typ.
Max.
Center Frequency Fc
MHz
-
1330
-
Insertion Loss 1326 ~ 1334MHz
dB
-
3.2
4.5
Absolute Group delay 1330MHz
ns
34
60
Group delay variation Fc ± 4MHz
ns
8
35
Phase variation Fc ± 4MHz
Deg
4
25
Amplitude ripple (p-p) Fc ± 4MHz
dB
0.5
2.0
Rejection (reference to IL)
Fc -30MHz
dB
8
29
-
Fc +30MHz
dB
7
18
-
Fc -60MHz
dB
30
52
-
Fc +60MHz
dB
30
38
-
Fc -140MHz
dB
30
47
-
Fc +140MHz
dB
30
42
-
Fc -250MHz
dB
35
44
-
Fc +250MHz
dB
35
44
-


Similar Part No. - MA07340

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
SAW Filter 60.0MHz
MA07326 GOLLEDGE-MA07326 Datasheet
68Kb / 5P
SAW Filter 1086.0MHz
MA07336 GOLLEDGE-MA07336 Datasheet
329Kb / 6P
SAW Filter 940.50MHz
MA07350 GOLLEDGE-MA07350 Datasheet
166Kb / 5P
SAW Filter 810.0MHz
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
More results

Similar Description - MA07340

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP04221 GOLLEDGE-MP04221 Datasheet
155Kb / 6P
SAW Filter 1330.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com