Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07630 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07630
Description  SAW Filter 916.450MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07630 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07630 Datasheet HTML 1Page - Golledge Electronics Ltd MA07630 Datasheet HTML 2Page - Golledge Electronics Ltd MA07630 Datasheet HTML 3Page - Golledge Electronics Ltd MA07630 Datasheet HTML 4Page - Golledge Electronics Ltd MA07630 Datasheet HTML 5Page - Golledge Electronics Ltd MA07630 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 916.450MHz
Model: TA0344A
Part No: MA07630
Rev No: 2
TA0344A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 15dBm
2. DC voltage: 5V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc MHz
-
916.45
-
Insertion loss 914.45 ~ 918.45MHz IL (dB)
-
2.7
3.5
Amplitude ripple 914.45 ~ 918.45MHz (dB)
-
0.3
1.0
VSWR 914.45 ~ 918.45MHz
-
1.5
2.0
Absolute Attenuation
D.C. ~ 600MHz (dB)
50
57
-
600 ~ 840MHz (dB)
40
51
-
869 ~ 894MHz (dB)
35
46
-
970 ~ 1500MHz (dB)
40
47
-
1500 ~ 3000MHz (dB)
25
32
-
Source impedance ZS (Ω)
-
50
-
Load impedance ZL (Ω)
-
50
-
Note 1. No matching network required for operation at 50


Similar Part No. - MA07630

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07632 GOLLEDGE-MA07632 Datasheet
509Kb / 7P
SAW Filter 80.0MHz
MA07635 GOLLEDGE-MA07635 Datasheet
102Kb / 4P
SAW Filter 868.60MHz
More results

Similar Description - MA07630

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP03019 GOLLEDGE-MP03019 Datasheet
183Kb / 5P
SAW Filter 916.450MHz
MP06994 GOLLEDGE-MP06994 Datasheet
226Kb / 8P
SAW Filter 916.450MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com