Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07635 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07635
Description  SAW Filter 868.60MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07635 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07635 Datasheet HTML 1Page - Golledge Electronics Ltd MA07635 Datasheet HTML 2Page - Golledge Electronics Ltd MA07635 Datasheet HTML 3Page - Golledge Electronics Ltd MA07635 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 868.60MHz
Model: TA0336A
Part No: MA07635
Rev No: 1
TA0336A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 0V
3. Operating Temperature: -45°C to +90°C
4. Storage Temperature: -45°C to +90°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25°C
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
868.69
-
1
Minimum IL (868.00 ~ 869.38MHz) (dB) IL min
-
3.3
4.7
Pass band (relative to IL min)
868.0 ~ 869.38MHz (dB)
-
1.5
3.0
867.92 ~ 869.46MHz (dB)
-
2.0
6.0
1
Pass bandwidth (relative to IL min) BW3 (kHz)
-
1900
-
Attenuation: (relative to IL min) (dB)
10 ~ 700MHz (dB)
50
55
-
700 ~ 830MHz (dB)
35
45
-
830 ~ 850.25MHz (dB)
32
40
-
850.25 ~ 865.27MHz (dB)
25
27
-
871.25 ~ 874.75MHz (dB)
11
15
-
874.75 ~ 883.25MHz (dB)
15
20
-
883.25 ~ 900MHz (dB)
30
32
-
900 ~ 1000MHz (dB)
35
45
-
1
Impedance at Fc: Input ZIN = RIN // CIN
Output ZOUT = ROUT // COUT
117
// 3.7pF
117
// 3.7pF
Note 1: The standard definitions is in JIS C 6703


Similar Part No. - MA07635

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07630 GOLLEDGE-MA07630 Datasheet
369Kb / 6P
SAW Filter 916.450MHz
MA07632 GOLLEDGE-MA07632 Datasheet
509Kb / 7P
SAW Filter 80.0MHz
More results

Similar Description - MA07635

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0336A TAI-SAW-TA0336A Datasheet
312Kb / 5P
SAW Filter 868.60MHz SMD5X5mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com