Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07973 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07973
Description  SAW Filter 743.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07973 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07973 Datasheet HTML 1Page - Golledge Electronics Ltd MA07973 Datasheet HTML 2Page - Golledge Electronics Ltd MA07973 Datasheet HTML 3Page - Golledge Electronics Ltd MA07973 Datasheet HTML 4Page - Golledge Electronics Ltd MA07973 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
=
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 743.0MHz
Model: TA0343A
Part No: MA07973
Rev No: 1
TA0343A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 12dBm
2. DC voltage: 10V
3. Operating Temperature: -10°C to +60°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
743
-
Insertion loss 740 ~ 746MHz IL
dB
-
2.6
4.5
Amplitude ripple 740 ~ 746MHz
dB
-
0.7
Absolute Attenuation
0 ~ 643MHz
dB
43
49
-
643 ~ 693MHz
dB
40
46
-
693 ~ 720MHz
dB
35
42
-
766 ~ 793MHz
dB
35
45
-
793 ~ 843MHz
dB
40
49
-
843 ~ 1000MHz
dB
38
45
-
1000 ~ 1500MHz
dB
25
33
-
Group Delay Variation (p-p)
ns
-
45
-
Temperature coefficient of frequency
ppm/°C
-35
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-


Similar Part No. - MA07973

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07972 GOLLEDGE-MA07972 Datasheet
266Kb / 5P
SAW Filter 713.0MHz
More results

Similar Description - MA07973

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com