Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2249 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2249
Description  14-Bit, 80Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2249 Datasheet(HTML) 3 Page - Linear Technology

  LTC2249 Datasheet HTML 1Page - Linear Technology LTC2249 Datasheet HTML 2Page - Linear Technology LTC2249 Datasheet HTML 3Page - Linear Technology LTC2249 Datasheet HTML 4Page - Linear Technology LTC2249 Datasheet HTML 5Page - Linear Technology LTC2249 Datasheet HTML 6Page - Linear Technology LTC2249 Datasheet HTML 7Page - Linear Technology LTC2249 Datasheet HTML 8Page - Linear Technology LTC2249 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2249
3
2249f
The
● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input
73
dB
40MHz Input
●
70.8
73
dB
70MHz Input
73
dB
140MHz Input
72.6
dB
SFDR
Spurious Free Dynamic Range
5MHz Input
90
dB
2nd or 3rd Harmonic
40MHz Input
●
75
90
dB
70MHz Input
90
dB
140MHz Input
85
dB
SFDR
Spurious Free Dynamic Range
5MHz Input
95
dB
4th Harmonic or Higher
40MHz Input
●
81
95
dB
70MHz Input
95
dB
140MHz Input
90
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input
72.9
dB
40MHz Input
●
70.2
72.8
dB
70MHz Input
72.8
dB
140MHz Input
72.1
dB
IMD
Intermodulation Distortion
fIN1 = 28.2MHz, fIN2 = 26.8MHz
90
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
DY A IC ACCURACY
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±30
ppm/°C
VCM Line Regulation
2.7V < VDD < 3.4V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
I TER AL REFERE CE CHARACTERISTICS (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com