Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD1102 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMD1102
Description  10-Bit Data Acquisition System for Autonomous Environmental Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1102 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMD1102 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1102 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Characteristics subject to change without notice
2033 8.1 10/04/01
SMD1102 / 1103 / 1113
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2001 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
Preliminary
!
!
!
!
! Complete Data Acquisition System
"
""
"
" 10-Bit A/D Converter Resolution
"
""
"
" 75µs Acquisition plus Conversion Time
"
""
"
" Alarm Limits for Each Input Channel
"
""
"
" Auto-Increment of Input Channels
"
""
"
" Two Wire I2C Serial Data Interface
"
""
"
" System Management Bus (SMBus) Compat-
ible
"
""
"
" Auto-Monitor with SMBALERT Output
"
""
"
" Low Quiescent Current of 50µA
"
""
"
" Wide Supply Voltage Range: 2.7V to 5.5V
10-Bit Data Acquisition System for
Autonomous Environmental Monitoring
FUNCTIONAL BLOCK DIAGRAM
FEATURES
!
!
!
!
! SMD1102
"
""
"
" 2-Channel Analog Input
"
""
"
" External Voltage Reference Input Provided for
Absolute Measurements
!
!
!
!
! SMD1103
"
""
"
" 3-Channel Analog Input
"
""
"
" Reference Voltage Input for the A/D Converter
is Connected to VDD for Ratiometric Measure-
ments
!
!
!
!
! SMD1113
"
""
"
" Extended I2C Operation
"
""
"
" 3-Channel Analog Input
"
""
"
" External Voltage Reference Input Provided
for Absolute Measurements
GND
VDD
CONVERTER
CLOCK
SCL
SDA
2033 BD 7.0
CONTROL
LOGIC
2-WIRE
SERIAL
INTERFACE
ANALOG
MULTIPLEXER
10-BIT A/D
CONVERTER
E2PROM
ALARM LIMIT
REGISTERS
SAMPLE
AND
HOLD
SMBALERT#
AIN2 X
AIN1
AIN0
(1103,
1113)
REFIN
(1102,
1113)
X
CE#
A2
A1
A0
(1113)
(1113)
(1113)
(1113)
Note: See Pin
Configuration
drawings for
pinouts


Similar Part No. - SMD1102

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
SMD1108F SUMMIT-SMD1108F Datasheet
717Kb / 29P
8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ACPA Technology Co., Lt...
SMD110A ACPA-SMD110A Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
logo
Chenmko Enterprise Co. ...
SMD110APT CHENMKO-SMD110APT Datasheet
258Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
ACPA Technology Co., Lt...
SMD110CA ACPA-SMD110CA Datasheet
73Kb / 2P
3000W Transient Voltage Suppressors - Surface Mount SMD Series
More results

Similar Description - SMD1102

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8144-10 WOLFSON-WM8144-10 Datasheet
395Kb / 27P
Integrated 10-bit Data Acquisition system for Imaging Applications
logo
Linear Technology
LTC1090 LINER-LTC1090 Datasheet
344Kb / 28P
Single Chip 10-Bit Data Acquisition System
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
Single Chip 10-Bit Data Acquisition System?
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
3V Single Chip 10-Bit Data Acquisition System
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
Single Chip 10-Bit Data Acquisition System
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com