Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6242IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6242IGN
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6242IGN Datasheet HTML 8Page - Linear Technology LTC6242IGN Datasheet HTML 9Page - Linear Technology LTC6242IGN Datasheet HTML 10Page - Linear Technology LTC6242IGN Datasheet HTML 11Page - Linear Technology LTC6242IGN Datasheet HTML 12Page - Linear Technology LTC6242IGN Datasheet HTML 13Page - Linear Technology LTC6242IGN Datasheet HTML 14Page - Linear Technology LTC6242IGN Datasheet HTML 15Page - Linear Technology LTC6242IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC6241/LTC6242
12
62412f
TYPICAL PERFOR A CE CHARACTERISTICS
Distortion vs Frequency
Distortion vs Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
–30
–60
–90
–100
–50
–80
–40
–70
6241 G34
VS = ±2.5V
AV = 1
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (Hz)
10k
100k
1M
10M
–30
–60
–90
–100
–50
–80
–40
–70
6241 G35
VS = ±5V
AV = 1
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD
Distortion vs Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
–30
–60
–90
–100
–50
–80
–40
–70
6241 G37
VS = ±5V
AV = 2
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD
Distortion vs Frequency
FREQUENCY (Hz)
10k
100k
1M
10M
–30
–60
–90
–100
–50
–80
–40
–70
6241 G36
VS = ±2.5V
AV = 2
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com