Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3115 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3115
Description  MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3115 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3115 Datasheet HTML 1Page - Toshiba Semiconductor TLP3115 Datasheet HTML 2Page - Toshiba Semiconductor TLP3115 Datasheet HTML 3Page - Toshiba Semiconductor TLP3115 Datasheet HTML 4Page - Toshiba Semiconductor TLP3115 Datasheet HTML 5Page - Toshiba Semiconductor TLP3115 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3115
2003-7-7
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
T L P 3 1 1 5
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP3115 Mini-flat photorelay is a small-outline photorelay,
suitable for surface-mount assembly. The TLP3115 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOS FET and
housed in a 4-pin package.
The TLP3115 features low CR multiplication and especially low On-state
resistance, allowing high ON-state current.
Its characteristics also include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
FEATURES
· 4 pin SOP (2.54SOP4)
: 2.1 mm high, 2.54 mm pitch
· 1-Form-A
· Peak Off-State Voltage
: 40 V (MIN.)
· Trigger LED Current
: 4 mA (MAX.)
· On-State Current
: 300 mA (MAX.)
· On-State Resistance
: 1.5 W (MAX.), 1.0 W (TYP.)
· Output Capacitance
: 14 pF (MAX.), 10 pF (TYP.)
· Isolation Voltage
: 1500 Vrms (MIN.)
PIN CONFIGURATION (TOP VIEW)
SCHEMATIC
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
1
2
4
3
Unit: mm
JEDEC
EIAJ
TOSHIBA
11
-5H1
Weight: 0.1 g


Similar Part No. - TLP3115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results

Similar Description - TLP3115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3116 TOSHIBA-TLP3116 Datasheet
155Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS/MEMORY TESTERS BOARD TESTERS/SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com