Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07865 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07865
Description  SAW Filter 1747.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07865 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07865 Datasheet HTML 1Page - Golledge Electronics Ltd MA07865 Datasheet HTML 2Page - Golledge Electronics Ltd MA07865 Datasheet HTML 3Page - Golledge Electronics Ltd MA07865 Datasheet HTML 4Page - Golledge Electronics Ltd MA07865 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1747.50MHz
Model: TA0391A
Part No: MA07865
Rev. No: 1
TA0391A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 5dBm
2. DC voltage: 0V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (MHz)
-
1747.5
-
Insertion loss (1710 ~ 1785MHz) IL (dB)
-
2.6
4.0
Amplitude ripple (1710 ~ 1785MHz) (dB)
-
1.6
2.5
Attenuation (Reference level from 0dB)
10 ~ 1670MHz (dB)
15
23
-
1670 ~ 1690MHz (dB)
6
23.9
-
1805 ~ 1880MHz (dB)
6
24
-
1880 ~ 4500MHz (dB)
15
25
-
4500 ~ 5000MHz (dB)
10
14
-
Input / Output VSWR (1710 ~ 1785MHz)
-
1.8
2.5
Source impedance ZS ( )
-
50
-
Load impedance ZL ( )
-
50
-
Note: The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network an aly ze r
50Ω
SAW Filter
B
E
A , C, D , F


Similar Part No. - MA07865

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07813 GOLLEDGE-MA07813 Datasheet
399Kb / 5P
897.50MHz SAW Filter
MA07831 GOLLEDGE-MA07831 Datasheet
102Kb / 3P
SAW Filter 261.120MHz
More results

Similar Description - MA07865

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP01784 GOLLEDGE-MP01784 Datasheet
436Kb / 6P
SAW Filter 1747.50MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com