Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07326 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07326
Description  SAW Filter 1086.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07326 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07326 Datasheet HTML 1Page - Golledge Electronics Ltd MA07326 Datasheet HTML 2Page - Golledge Electronics Ltd MA07326 Datasheet HTML 3Page - Golledge Electronics Ltd MA07326 Datasheet HTML 4Page - Golledge Electronics Ltd MA07326 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1086.0MHz
Model: TA0404A
Part No: MA07326
Rev. No: 1
TA0404A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C ~ +85°C
2. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Balanced to Balanced operation
Terminating source impedance: ZS = 200
Terminating load impedance: ZL = 200
Value
Item
Min.
Typ.
Max.
Note
Center frequency Fc MHz
-
1086
-
-
Insertion loss (1081 ~ 1091MHz) IL min dB
-
2.6
4.5
-
Ripple (1081 ~ 1091MHz) (over 6MHz) dB
-
0.6
1.5
-
Attenuation: (Reference level from 0dB)
500 ~ 988MHz dB
43
50
-
-
988 ~ 1002MHz dB
43
50
-
-
1038 ~ 1046MHz dB
40
45
-
-
1156 ~ 1600MHz dB
40
50
-
-
Group delay ripple (p-p) (1081 ~ 1091MHz) ns
-
10
-


Similar Part No. - MA07326

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07308 GOLLEDGE-MA07308 Datasheet
88Kb / 3P
SAW Filter 60.0MHz
MA07336 GOLLEDGE-MA07336 Datasheet
329Kb / 6P
SAW Filter 940.50MHz
MA07340 GOLLEDGE-MA07340 Datasheet
66Kb / 5P
SAW Filter 1330.0MHz
MA07350 GOLLEDGE-MA07350 Datasheet
166Kb / 5P
SAW Filter 810.0MHz
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
More results

Similar Description - MA07326

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com