Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07352 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07352
Description  SAW Filter 1950.0MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07352 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07352 Datasheet HTML 1Page - Golledge Electronics Ltd MA07352 Datasheet HTML 2Page - Golledge Electronics Ltd MA07352 Datasheet HTML 3Page - Golledge Electronics Ltd MA07352 Datasheet HTML 4Page - Golledge Electronics Ltd MA07352 Datasheet HTML 5Page - Golledge Electronics Ltd MA07352 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1950.0MHz
Model: TA0382A
Part No: MA07352
Rev No: 1
TA0382A v1
A. MAXIMUM RATING:
1. Operating Temperature: -10°C ~ +85°C
2. Storage Temperature: -40°C ~ +95°C
B. ELECTRICAL CHARACTERISTICS:
Balanced to Singled operation
Terminating source impedance: ZS = 200
// 18nH
Terminating load impedance: ZL = 50
Item
Min.
Typ.
Max.
Center frequency Fc MHz
-
1950
-
Insertion loss (1920 ~ 1980MHz) IL (dB)
-
2.6
4.0
Ripple (1920 ~ 1980MHz) (dB)
-
0.5
1.8
Input VSWR (1920 ~ 1980MHz)
-
1.8
2.4
Output VSWR (1920 ~ 1980MHz)
-
2.0
2.4
0 ~ 1805MHz (dB)
20
30
-
1805 ~ 1860MHz (dB)
22
36
-
1860 ~ 1880MHz (dB)
15
21
-
2110 ~ 2170MHz (dB)
20
25
-
2170 ~ 2670MHz (dB)
25
38
-
2680 ~ 2740MHz (dB)
20
39
-
3840 ~ 3960MHz (dB)
15
52
-
5760 ~ 5940MHz (dB)
15
44
-
|S21| / |S31| (1920 ~ 1980MHz) (dB)
-2.2
0
2.2
Φ(S
21) -
Φ(S
31) +180°(1920 ~ 1980MHz) deg
-18
0
18


Similar Part No. - MA07352

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07350 GOLLEDGE-MA07350 Datasheet
166Kb / 5P
SAW Filter 810.0MHz
More results

Similar Description - MA07352

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07757 GOLLEDGE-MA07757 Datasheet
315Kb / 5P
SAW Filter 1950.0MHz
MP04338 GOLLEDGE-MP04338 Datasheet
174Kb / 7P
SAW Filter 1950.0MHz
MP05869 GOLLEDGE-MP05869 Datasheet
218Kb / 7P
SAW Filter 1950.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com