Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07407 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07407
Description  SAW Filter 800.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07407 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07407 Datasheet HTML 1Page - Golledge Electronics Ltd MA07407 Datasheet HTML 2Page - Golledge Electronics Ltd MA07407 Datasheet HTML 3Page - Golledge Electronics Ltd MA07407 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 800.0MHz
Model: TA0415A
Part No: MA07407
Rev No: 1
TA0415A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 5dBm
2. DC voltage: 5V
3. Operating Temperature: -20°C to 70°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc MHz
-
800
-
Insertion loss 790 ~ 810MHz IL
dB
-
2.4
3.8
Amplitude ripple 790 ~ 810MHz
dB
-
0.8
2.0
Attenuation (Reference level from 0dB)
600 ~ 700 MHz
dB
40
48
-
700 ~ 750MHz
dB
30
46
-
860 ~ 900MHz
dB
30
43
-
900 ~ 1000MHz
dB
38
49
-
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Note: No matching network required for operation at 50


Similar Part No. - MA07407

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA07465 GOLLEDGE-MA07465 Datasheet
163Kb / 4P
SAW Filter 1575.42MHz
MA07466 GOLLEDGE-MA07466 Datasheet
232Kb / 5P
1575.420MHz SAW Filter
MA07470 GOLLEDGE-MA07470 Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
MA07479 GOLLEDGE-MA07479 Datasheet
116Kb / 4P
SAW Filter 408.50MHz
More results

Similar Description - MA07407

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
IQD Frequency Products ...
IQXO-100 IQD-IQXO-100 Datasheet
295Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-110 IQD-IQXO-110 Datasheet
288Kb / 2P
Frequency 1.0MHz to 800.0MHz
IQXO-190 IQD-IQXO-190 Datasheet
128Kb / 2P
Frequency 1.0MHz to 800.0MHz
logo
Golledge Electronics Lt...
MP01462 GOLLEDGE-MP01462 Datasheet
169Kb / 5P
SAW Filter 800.0MHz
MA09356 GOLLEDGE-MA09356 Datasheet
206Kb / 4P
800.0MHz SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com