Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07479 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MA07479
Description  SAW Filter 408.50MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07479 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MA07479 Datasheet HTML 1Page - Golledge Electronics Ltd MA07479 Datasheet HTML 2Page - Golledge Electronics Ltd MA07479 Datasheet HTML 3Page - Golledge Electronics Ltd MA07479 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 408.50MHz
Model: TA0417A
Part No: MA07479
Rev No: 1
TA0417A v1
3
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8
E. OUTLINE DRAWING:
F. PCB FOOTPRINT:
2: Input
6: Output
1, 3, 4, 5, 7, 8: Ground
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com