Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07757 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07757
Description  SAW Filter 1950.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07757 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07757 Datasheet HTML 1Page - Golledge Electronics Ltd MA07757 Datasheet HTML 2Page - Golledge Electronics Ltd MA07757 Datasheet HTML 3Page - Golledge Electronics Ltd MA07757 Datasheet HTML 4Page - Golledge Electronics Ltd MA07757 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1950.0MHz
Model: TA0401A
Part No: MA07757
Rev No: 1
TA0401A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 0V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
1950
-
Insertion loss within 1920 ~ 1980MHz IL (dB)
-
2.4
3.4
Amplitude ripple (p-p) within 1920 ~ 1980MHz (dB)
-
1.1
2.0
Attenuation (Reference level from 0dB)
1135 ~ 1145MHz (dB)
25
28
-
1705 ~ 1715MHz (dB)
25
29
-
1805 ~ 1880MHz (dB)
25
35
-
2110 ~ 2170MHz (dB)
30
34
-
2300 ~ 2360MHz (dB)
30
33
-
2490 ~ 2550MHz (dB)
30
34.5
-
2680 ~ 2740MHz (dB)
30
34
-
3060 ~ 3120MHz (dB)
30
44
-
3840 ~ 3960MHz (dB)
30
38
-
VSWR within 1920 ~ 1980MHz
-
1.6
2.6
Source impedance ZS ( )
-
50
-
Load impedance ZL ( )
-
50
-
Note: No matching network required for operation at 50


Similar Part No. - MA07757

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07741 GOLLEDGE-MA07741 Datasheet
346Kb / 5P
SAW Filter 2441.80MHz
MA07742 GOLLEDGE-MA07742 Datasheet
333Kb / 5P
SAW Filter 163.0MHz
MA07746 GOLLEDGE-MA07746 Datasheet
94Kb / 4P
SAW Filter 343.5MHz
MA07760 GOLLEDGE-MA07760 Datasheet
91Kb / 4P
SAW Filter 426.1MHz
MA07762 GOLLEDGE-MA07762 Datasheet
137Kb / 5P
SAW Filter 475.0MHz
More results

Similar Description - MA07757

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
MP04338 GOLLEDGE-MP04338 Datasheet
174Kb / 7P
SAW Filter 1950.0MHz
MP05869 GOLLEDGE-MP05869 Datasheet
218Kb / 7P
SAW Filter 1950.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com