Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPIA804 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPIA804
Description  DIP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA804 Datasheet(HTML) 5 Page - TT Electronics.

  OPIA804 Datasheet HTML 1Page - TT Electronics. OPIA804 Datasheet HTML 2Page - TT Electronics. OPIA804 Datasheet HTML 3Page - TT Electronics. OPIA804 Datasheet HTML 4Page - TT Electronics. OPIA804 Datasheet HTML 5Page - TT Electronics. OPIA804 Datasheet HTML 6Page - TT Electronics. OPIA804 Datasheet HTML 7Page - TT Electronics. OPIA804 Datasheet HTML 8Page - TT Electronics. OPIA804 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.5
02/2010
Page 5 of 20
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA800—OPIA803, OPID804
DIP Package
Switching Characteristics: OPIA800
*9 Instantaneous common mode rejection voltage “output(1)” represents a common voltage variation that can hold the output
above (1) level (Vo>2.0V).
*10 Instantaneous common mode rejection voltage “output(1)” represents a common voltage variation that can hold the output
above (0) level (Vo>0.8V).
*8 Test Circuit Propagation Delay Time
*10 Test Circuit for Instantaneous Common Mode Rejection Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com