Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPIA5010 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPIA5010
Description  SMD and SOP Packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA5010 Datasheet(HTML) 2 Page - TT Electronics.

  OPIA5010 Datasheet HTML 1Page - TT Electronics. OPIA5010 Datasheet HTML 2Page - TT Electronics. OPIA5010 Datasheet HTML 3Page - TT Electronics. OPIA5010 Datasheet HTML 4Page - TT Electronics. OPIA5010 Datasheet HTML 5Page - TT Electronics. OPIA5010 Datasheet HTML 6Page - TT Electronics. OPIA5010 Datasheet HTML 7Page - TT Electronics. OPIA5010 Datasheet HTML 8Page - TT Electronics. OPIA5010 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.6
5/10
Page 2 of 23
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA500B, OPIA4N35, OPIA4N33
OPIA2110, OPIA2210, OPIA5010, OPIA6010
SMD and SOP Packages
Analog Output Devices Ordering Information
Part Number
Isolation Voltage
Max. (Vrms)
CTR
Min/Typ/Max
Typ. Tr / Tf (µs)
RL = 100 ohms
Package
Configuration
OPIA4N35A
5,000
60 / - / 600
5 / 4
6-Pin SMD
A K—B C E
OPIA5010A
5,000
600 / - / 9,000
60 / 50
6-Pin SMD
A K—B C E (Dar)
OPIA4N33A
5,000
500 / 4,000 / -
5 / 60
6-Pin SMD
A K—B C E (Dar)
OPIA2210A
5,000
50 / - / 600
2 / 3
6-Pin SMD
A K—B C E
OPIA6010A
5,000
50 / - / 600
2 / 3
6-Pin SMD
A K, K A—B C E
OPIA2110A
5,000
40 / - / 400
4 / 3
6-Pin SMD
A K—C E
Configuration: Definition of Terms
LED Identification—Sensor Identification
LED
A = Anode
K = Cathode
Sensor
B = Base
C = Collector
E = Emitter
(Dar) = Photo Darlington
Packaging
Part Number Suffix:
TU = Ship in Tubes
TR = Tape and Reel
Example: OPI4N35ATRE
OPIA500B
3,750
19 / - / 50
LH-HL 0.8 / 0.8 (1.9K)
5-Pin SOP
AK—KCE
Part Number
Pin #
1
2
3
4
5
6
OPIA4N35
A
K
E
C
B
OPIA5010
A
K
E
C
B
OPIA4N33
A
K
E
C
B
OPIA2210
A
K
E
C
B
OPIA6010
A-K
K-A
E
C
B
OPIA2110
A
K
E
C
OPIA500
A
K
E
C
B
Symbol
Definition
Symbol
Definition
Symbol
Definition
Symbol
Definition
A
Anode
B
Base
C
Collector
E
Emitter
Symbol
Definition
K
Cathode
OPIA500
OPIA60X
Package Outline Dimensions and Schematics: Top-View
Package Style B
(SOP)
Package Style A
(SMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com