Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BV03CW Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03CW
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03CW Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03CW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd. BV03CW Datasheet HTML 5Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1/4
BV03CW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BV03CW
Version: A1 2016-05-06
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±15KV(air), ±8KV(contact)
150Watts peak pulse power (tp=8
/20μS)
Ultra low capacitance: 1.5pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0 mg
Small package: SOD323
Ethernet
Part
Number
IDRM@VDRM
VBR @I
R
Vc@Ipp
Vc@Ipp
CO
CO
μA
V
V
mA
V
A
V
A
pF
pF
MAX
MIN
MAX
MAX
TYP
MAX
BV03CW
0.5
3
3.5
1
5.8
1
15
10
0.85
1.5
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
VBR is measured at IR=1mA
SurgeWaveform:8/20μS.
Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz
Part Number and Electrical Parameter
BV
03CW
(1)
(2)
Part Numbering System
Mark
B42LC
CA1: Part Number
Application information
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
B006U2
G
1
2
(1) Bencent Transient Voltage Suppressor
(2) Series: 03 etc.
SOD323
CA1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com