Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23409C Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC23409C
Description  4,194,304-Word x 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23409C Datasheet(HTML) 2 Page - OKI electronic componets

  MSC23409C Datasheet HTML 1Page - OKI electronic componets MSC23409C Datasheet HTML 2Page - OKI electronic componets MSC23409C Datasheet HTML 3Page - OKI electronic componets MSC23409C Datasheet HTML 4Page - OKI electronic componets MSC23409C Datasheet HTML 5Page - OKI electronic componets MSC23409C Datasheet HTML 6Page - OKI electronic componets MSC23409C Datasheet HTML 7Page - OKI electronic componets MSC23409C Datasheet HTML 8Page - OKI electronic componets MSC23409C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MSC23409C/CL-xxDS9
¡ Semiconductor
2/13
PIN CONFIGURATION
MSC23409C/CL-xxDS9
Typ.
10.16
Typ.
6.35
82.14 Typ.
3.38 Tpy.
88.9 ±0.2
73.66
2.03 Typ.
1.27
+0.1
–0.08
5.28 Max.
2.54 ±0.1
30
1
* 1
*1 The common size difference of the board width 12.5 mm of its height is
specified as ±0.2. The value above 12.5 mm is specified as ±0.5.
20.45 Max.
5.59 Typ.
1.78 Typ.
2.54 Min.
f 3.18
VCC
Pin Name
CAS
DQ0
A0
A1
DQ1
A2
A3
VSS
DQ2
A4
Pin Name
A5
DQ3
A6
A7
DQ4
A8
A9
A10
DQ5
WE
Pin Name
VSS
DQ6
NC
DQ7
Q8
RAS
CAS8
D8
VCC
Pin No.
1
2
3
4
5
6
7
8
9
10
Pin No.
11
12
13
14
15
16
17
18
19
20
Pin No.
21
22
23
24
25
26
27
28
29
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com